Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRDC Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SSRDC
Description  DC Load Solid State Relay Hockey Puck
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRDC Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SSRDC Datasheet HTML 1Page - TE Connectivity Ltd SSRDC Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Specifications (@ 25° C, unless otherwise specified)
Heatsink Recommendations
• We recommend that solid state relay modules be mounted to a
heatsink sufficient to maintain the module’s base temperature at
less than 85°C under worst case ambient temperature and load
conditions.
• The heatsink mounting surface should be a smooth (30-40 micro-inch
finish), flat (30-40 micro-inch flatness across mating area), un-painted
surface which is clean and free of oxidation.
• An even coating of thermal compound (Dow Corning DC340 or
equivalent) should be applied to both the heatsink and module
Operating Diagrams
• The module should be mounted to the heatsink using two #8 screws.
Parameter
Units
12A Models
25A Models
40A Models
Load Voltage Range VL
VDC
200
200
200
Load Current Range IL *
A
12
25
40
Single Cycle Surge Current
A
120
120
200
Leakage Current (Off-State) @Rated Current
mA
12
12
12
On-State Voltage Drop @Rated Current
VDC
2.83
2.83
2.83
Turn-On Time (Max.)
µs
600
600
600
Turn-Off Time (Max.)
µs
2600
2600
2600
Thermal Resistance, Junction to Case
°C/W
0.7
0.7
0.5
* See Derating curve
* Overall height dimensions includes with clear cover
Dimensions in mm
Outline Dimensions
Electrical Characteristics (Thermal Derating Curves)
Solid State Relay
SSRDC Series (Continued)
02-2018, Rev. 0218
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be
used only together with the ‘Definitions’
section.
Datasheets and product data is subject to
the terms of the disclaimer and all chap-
ters of the ‘Definitions’ section, available
at http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all specifi-
cations are subject to change.
2
Potter & Brumfield



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com