Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSRDC Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SSRDC
Description  DC Load Solid State Relay Hockey Puck
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSRDC Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SSRDC Datasheet HTML 1Page - TE Connectivity Ltd SSRDC Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information
File E29244
Users should thoroughly review the technical data before selecting a
product part number. It is recommended that users also seek out the
pertinent approvals files of the agencies/laboratories and review them to
ensure the product meets the requirements for a given application.
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 1500V DC minimum.
Temperature Range:
Storage: –30°C to +100°C
Operating: –30°C to +80°C.
Case Material: Plastic, UL rated 94V-0.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: For 12A
: 4.09 oz. (116g).
For 25A & 40A : 5.11 oz. (145g).
Features
• Standard “hockey puck” package.
• LED indicator.
• 12, 25 & 40A versions.
• 200V DC output types.
• DC input and output versions.
• 1500V DC optical isolation.
• Cover design with anti-rotation barriers
Input Specifications
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRDC-200D12
SSRDC-200D25
SSRDC-200D40
DC Load Solid State Relay
Hockey Puck
Parameter
Units
SSRDC-200D12
SSRDC-200D25
SSRDC-200D40
Control Voltage Range VIN
VDC
3.5 - 32
Must Operate Voltage VIN(OP) (Min.)
VDC
3.5
Must release Voltage VIN(REL) (Min.)
VDC
1
Input Current (Max.)
mA
30
Typical Part Number
SSRDC
-200
D
25
1. Basic Series: SSRDC = DC Load hockey puck solid state relay
2. Line Voltage: 200VDC
3. Input Type & Voltage: D = 3.5 - 32VDC
4. Maximum Switching Rating:
12 = 12A, mounted to heatsink
25 = 25A, mounted to heatsink
40 = 40A, mounted to heatsink
Solid State Relay
SSRDC Series
02-2018, Rev. 0218
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’
section.
Datasheets and product data is subject
to the terms of the disclaimer and all
chapters of the ‘Definitions’ section, avai-
lable at http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’
section, application notes and all specifi-
cations are subject to change.
1
Potter & Brumfield


Similar Part No. - SSRDC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSRD MACOM-SSRD Datasheet
51Kb / 2P
Two independent AC output solid state relays in one standard package.
logo
TE Connectivity Ltd
SSRD TEC-SSRD Datasheet
216Kb / 2P
Inverse parallel SCR outputs
logo
Tyco Electronics
SSRD-240D25 MACOM-SSRD-240D25 Datasheet
51Kb / 2P
Two independent AC output solid state relays in one standard package.
logo
TE Connectivity Ltd
SSRD-240D25 TEC-SSRD-240D25 Datasheet
216Kb / 2P
Inverse parallel SCR outputs
SSRD-240D25R TEC-SSRD-240D25R Datasheet
216Kb / 2P
Inverse parallel SCR outputs
More results

Similar Description - SSRDC

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
DC SOLID STATE RELAY
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-2 MACOM-2-1393030-2 Datasheet
210Kb / 2P
?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
?쏦ockey Puck??Solid State Relay With Paired SCR Output
SSRT-240D25 MACOM-SSRT-240D25 Datasheet
210Kb / 2P
Hockey Puck Solid State Relay With Snubberless Triac Output
SSR-240D50 MACOM-SSR-240D50 Datasheet
384Kb / 3P
Standard hockey puck package.
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
DC Solid-State Relay
logo
celduc-relais
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
DC Solid State Relay
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
DC Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com