Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC597 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC597
Description  8 BIT LATCH/SHIFT REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC597 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC597 Datasheet HTML 1Page - STMicroelectronics M74HC597 Datasheet HTML 2Page - STMicroelectronics M74HC597 Datasheet HTML 3Page - STMicroelectronics M74HC597 Datasheet HTML 4Page - STMicroelectronics M74HC597 Datasheet HTML 5Page - STMicroelectronics M74HC597 Datasheet HTML 6Page - STMicroelectronics M74HC597 Datasheet HTML 7Page - STMicroelectronics M74HC597 Datasheet HTML 8Page - STMicroelectronics M74HC597 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M74HC597
2/14
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
9
QH’
Serial Data Outputs
10
SCLR
Asynchronous Reset
Input (Active LOW)
11
SCK
Shift Clock Input (LOW to
HIGH Edge-triggered)
12
RCK
Storage Clock Input (LOW
to HIGH Edge-triggered)
13
SLOAD
Parallel Data Input (Active
Low)
10
SI
Serial Data Input
15, 1, 2, 3, 4,
5, 6, 7
A to H
Parallel Data Inputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUT
SI
SCK
SCLR
SLOAD
RCK
X
X
L
H
X
S.R. IS CLEARED TO "L"
X
X
H
L
X
INPUT REGISTER DATA IS STORED INTO S.R.
LH
H
X
FIRST STAGE OF S.R. BECOMES "L" OTHER STAGES
STORE THE DATA OF PREVIOUS STAGE, RESPECTIVELY
HH
H
X
FIRST STAGE OF S.R. BECOMES "H" OTHER STAGES
STORE THE DATA OF PREVIOUS STAGE, RESPECTIVELY
X
H
H
X
STATE OF S.R. IS NOT CHANGED
XXXX
INPUT DATA ON A ~ H LINE IS STORED INTO INPUT REG-
ISTER
XXXX
STORAGE REGISTER STATE IS NOT CHANGED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com