Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC597 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC597
Description  8 BIT LATCH/SHIFT REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC597 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC597 Datasheet HTML 1Page - STMicroelectronics M74HC597 Datasheet HTML 2Page - STMicroelectronics M74HC597 Datasheet HTML 3Page - STMicroelectronics M74HC597 Datasheet HTML 4Page - STMicroelectronics M74HC597 Datasheet HTML 5Page - STMicroelectronics M74HC597 Datasheet HTML 6Page - STMicroelectronics M74HC597 Datasheet HTML 7Page - STMicroelectronics M74HC597 Datasheet HTML 8Page - STMicroelectronics M74HC597 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
July 2001
s
HIGH SPEED :
fMAX = 50 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 597
DESCRIPTION
The M74HC597 is an high speed CMOS 8 BIT
PIPO SHIFT REGISTER fabricated with silicon
gate C2MOS technology.
This devices comes in a 16-pin package and
consist of an 8-bit storage latch feeding a parallel
in, serial out 8-bit shift register. Both the storage
register and shift register have positive edge
triggered clocks. The shift register also has direct
load (from storage) and clear inputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC597
8 BIT LATCH/SHIFT REGISTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC597B1R
SOP
M74HC597M1R
M74HC597RM13TR
TSSOP
M74HC597TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC597

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC597 STMICROELECTRONICS-M74HC597 Datasheet
280Kb / 13P
8 BIT LATCH/SHIFT REGISTER
Oct-1992
M74HC597B1R STMICROELECTRONICS-M74HC597B1R Datasheet
280Kb / 13P
8 BIT LATCH/SHIFT REGISTER
Oct-1992
M74HC597C1R STMICROELECTRONICS-M74HC597C1R Datasheet
280Kb / 13P
8 BIT LATCH/SHIFT REGISTER
Oct-1992
M74HC597M1R STMICROELECTRONICS-M74HC597M1R Datasheet
280Kb / 13P
8 BIT LATCH/SHIFT REGISTER
Oct-1992
More results

Similar Description - M74HC597

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC597 STMICROELECTRONICS-M54HC597 Datasheet
280Kb / 13P
8 BIT LATCH/SHIFT REGISTER
Oct-1992
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
8-BIT LATCH/SHIFT REGISTER
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
8-BIT SHIFT REGISTER/LATCH(3-STATE)
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
8-bit shift register and latch driver
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
8 BIT SHIFT REGISTER /LATCH
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
8-Bit Shift Register/Latch (3-state)
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
8-bit Latch / Shift Register
logo
Toshiba Semiconductor
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
8-Bit Shift Register/Latch (3-state)
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
8-Bit Shift Register/Latch
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com