Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC597 Datasheet (PDF) - STMicroelectronics

M74HC597 Datasheet PDF - STMicroelectronics
Part # M74HC597
Download  M74HC597 Download
File Size   280.11 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT LATCH/SHIFT REGISTER

M74HC597 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC597 Datasheet PDF - STMicroelectronics

Part # M74HC597
Download  M74HC597 Click to download

File Size   280.11 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT LATCH/SHIFT REGISTER

M74HC597 Datasheet (HTML) - STMicroelectronics


M74HC597 Product details

DESCRIPTION
The M54/74HC597 is a high speed CMOS 8-BIT LATCH/SHIFT REGISTER fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.
   
■ HIGH SPEED
    fMAX = 60 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS597
   




Similar Part No. - M74HC597

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC597 STMICROELECTRONICS-M74HC597 Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597B1R STMICROELECTRONICS-M74HC597B1R Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597M1R STMICROELECTRONICS-M74HC597M1R Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597TTR STMICROELECTRONICS-M74HC597TTR Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
More results


Similar Description - M74HC597

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
8-BIT LATCH/SHIFT REGISTER
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
8-BIT SHIFT REGISTER/LATCH(3-STATE)
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
8-bit shift register and latch driver
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
8 BIT SHIFT REGISTER /LATCH
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
8-Bit Shift Register/Latch (3-state)
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
8-bit Latch / Shift Register
logo
Toshiba Semiconductor
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
8-Bit Shift Register/Latch (3-state)
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
8-Bit Shift Register/Latch
2018-06-22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com