Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC597 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC597
Description  8 BIT LATCH/SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC597 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC597 Datasheet HTML 3Page - STMicroelectronics M74HC597 Datasheet HTML 4Page - STMicroelectronics M74HC597 Datasheet HTML 5Page - STMicroelectronics M74HC597 Datasheet HTML 6Page - STMicroelectronics M74HC597 Datasheet HTML 7Page - STMicroelectronics M74HC597 Datasheet HTML 8Page - STMicroelectronics M74HC597 Datasheet HTML 9Page - STMicroelectronics M74HC597 Datasheet HTML 10Page - STMicroelectronics M74HC597 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
2.0
6.0
12
4.8
4.0
ns
4.5
30
48
24
20
6.0
35
50
28
24
tW(H)
tW(L)
Propagation
Delay Time
(SCK, RCK)
2.0
20
75
95
110
ns
4.5
7
151922
6.0
4
131619
tW(L)
Propagation
Delay Time
(SCLR, SLOAD)
2.0
25
75
95
110
ns
4.5
7
151922
6.0
5
131619
tS
Minimum Set-up
Time
(RCK - SLOAD)
2.0
48
100
125
150
ns
4.5
12
20
25
30
6.0
10
17
21
26
tS
Minimum Set-up
Time
(SI, SCK)
2.0
20
75
95
110
ns
4.5
5
151922
6.0
4
131619
tS
Minimum Set-up
Time
(PI - RCK)
2.0
20
75
95
110
ns
4.5
5
151922
6.0
4
131619
tf
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Propagation
Delay Time
(SCLR, SLOAD)
2.0
12
75
95
115
ns
4.5
4
151923
6.0
3
131620
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
60
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
SWITCHING CHARACTERISTICS TEST WAVEFORM
M54/M74HC597
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com