Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC597 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC597
Description  8 BIT LATCH/SHIFT REGISTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC597 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC597 Datasheet HTML 1Page - STMicroelectronics M74HC597 Datasheet HTML 2Page - STMicroelectronics M74HC597 Datasheet HTML 3Page - STMicroelectronics M74HC597 Datasheet HTML 4Page - STMicroelectronics M74HC597 Datasheet HTML 5Page - STMicroelectronics M74HC597 Datasheet HTML 6Page - STMicroelectronics M74HC597 Datasheet HTML 7Page - STMicroelectronics M74HC597 Datasheet HTML 8Page - STMicroelectronics M74HC597 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
M54HC597
M74HC597
October 1992
8 BIT LATCH/SHIFT REGISTER
B1R
(Plastic Package)
ORDER CODES :
M54HC597F1R
M74HC597M1R
M74HC597B1R
M74HC597C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
fMAX = 60 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS597
The M54/74HC597 is a high speed CMOS 8-BIT
LATCH/SHIFT REGISTER fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption.
This devices comes in a 16-pin package and consist
of an 8-bit storage latch feeding a parallel-in, serial-
out 8-bit shift register. Both the storage register and
shift register have positive-edge triggered clocks.
The shift register also has direct load (from storage)
and clear inputs.
All inputs are equipped with protection circuits
against static discharge and transient voltage ex-
cess.
DESCRIPTION
1/13


Similar Part No. - M74HC597

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC597 STMICROELECTRONICS-M74HC597 Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597B1R STMICROELECTRONICS-M74HC597B1R Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597M1R STMICROELECTRONICS-M74HC597M1R Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
M74HC597TTR STMICROELECTRONICS-M74HC597TTR Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
More results

Similar Description - M74HC597

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
8-BIT LATCH/SHIFT REGISTER
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
8-BIT SHIFT REGISTER/LATCH(3-STATE)
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
8-bit shift register and latch driver
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F Datasheet
311Kb / 9P
8 BIT SHIFT REGISTER /LATCH
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
8 BIT LATCH/SHIFT REGISTER
Jul-2001
logo
Toshiba Semiconductor
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
8-Bit Shift Register/Latch (3-state)
logo
Renesas Technology Corp
HD74HC597 RENESAS-HD74HC597 Datasheet
117Kb / 10P
8-bit Latch / Shift Register
logo
Toshiba Semiconductor
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
8-Bit Shift Register/Latch (3-state)
TC74VHC9595FK TOSHIBA-TC74VHC9595FK Datasheet
490Kb / 9P
8-Bit Shift Register/Latch
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com