Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX-2000 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # SPX-2000
Description  INDUSTRY LEADERS DEPEND ON US ...FOR SOLUTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SPX-2000 Datasheet(HTML) 1 Page - Cypress Semiconductor

  SPX-2000 Datasheet HTML 1Page - Cypress Semiconductor SPX-2000 Datasheet HTML 2Page - Cypress Semiconductor SPX-2000 Datasheet HTML 3Page - Cypress Semiconductor SPX-2000 Datasheet HTML 4Page - Cypress Semiconductor SPX-2000 Datasheet HTML 5Page - Cypress Semiconductor SPX-2000 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUPREX® II Remote Unit Dip Switch Setting
Switch #2 - On = Door Strike Relay does NOT follow LED status.
Off = Door Strike Relay follows status of LED.
Switch #6* - On = Bit mode (Noise filter off) for keypad applications.
Off = Noise filter mode, standard reader applications
(Default setting)
SUPREX® II Central Unit Dip Switch Setting
Switch #3 - On = Inverts idle on MagStripe version
Off = Normal operation of MagStripe version
Switch #4 - On = Inverts Aux 2 Relay Status
Off = Normal operation
*Not active on versions earlier than 2-1-2003
SUPREX® II
Connection Diagram
Part Numbers:
• SPX-2000 : Wiegand format (RS-485)
• SPX-2100 : MagStripe format (RS-485)
• SPX-2500 : Wiegand format (RS-232)
• SPX-2600 : MagStripe format (RS-232)
Dip
Switch
8
7
6
5
4
3
2
1
}
}
SUPREX
Remote Unit
Cypress Computer Systems, Inc. • 1778 Imlay City Rd. • Lapeer, MI 48446-3206
TX(810)245-2300 • FX(810)245-2332 • www.cypresscom.com
}
}
SUPREX
Central Unit
8
7
6
5
4
3
2
1
Dip
Switch
+8 to +24 Vdc @ 150 ma
Ground
+5 Vdc @ 100 ma
Data 0 / Clock
Data 1 / Data
LED
Normally Closed
Normally Open
Common
Normally Closed
Normally Open
Common
Door Strike Relay
125 Vac @ 1 Amp
Aux Output Relay
125 Vac @ 1 Amp
+8 to +24 Vdc @ 150 ma
Ground
+5 Vdc @ 100 ma
Data 0 / Clock
Data 1 / Data
LED
Normally Closed
Normally Open
Common
Normally Closed
Normally Open
Common
Trouble / Output Relay 2
125 Vac @ 1 Amp
Output Relay 1
125 Vac @ 1 Amp
To control door strike
relay, short LED to
Ground
D{
C{
B{
A{
RS-232
Connector
LED
Off
On
Input 2
Input 1
+8 to +24 Vdc @ 150 ma
Ground
}D
Program
Resistor #2
Program
Resistor #1
Aux Relay
Control
+8 to +24 Vdc @ 150 ma
Ground
RS-232
Connector
LED
Off
On
When wired and powered up corectly, LEDs on
Remote and Centrol will blink 5 to 10 times per
second. When there is a problem with
communication between the Remote and
Central, the LED on the Central will blink 2
times per second and the Remote LED
will not light at all.
}B
}A
}C
Actual size of each circuit board is
4-1/2” x 2-5/8”
CYPRESS
INDUSTRY LEADERS DEPEND ON US ...FOR SOLUTIONS
1
2
3
4
5 6 7 8
9
Line -
Line +
Line -
Line +
RS-232 DB-9 Male
5 - Ground
3- Transmit
2 - Receive


Similar Part No. - SPX-2000

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SPX-116 SOVICO-SPX-116 Datasheet
1Mb / 1P
MATRIX
2020.06
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
Robotic Finger Sensor v2
12????9
SPX-14688 SPARKFUN-SPX-14688 Datasheet
239Kb / 2P
Pressure Sensor (Qwiic) ??MS5637
12????9
SPX-14764 SPARKFUN-SPX-14764 Datasheet
262Kb / 2P
Qwiic EEPROM ??512Kbit
12????9
SPX-14767 SPARKFUN-SPX-14767 Datasheet
728Kb / 2P
Qwiic Pressure Sensor - LPS25HB
12-3-19
More results

Similar Description - SPX-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
Solutions for Storage
logo
Lumileds Lighting Compa...
DS109 LUMILEDS-DS109 Datasheet
1Mb / 17P
Industry-leading solutions for turn applications
DS112 LUMILEDS-DS112 Datasheet
1Mb / 17P
Industry-leading solutions for light guide DRL, and signature lamps
PB109 LUMILEDS-PB109 Datasheet
1Mb / 2P
Industry-leading solutions for turn applications
PB112 LUMILEDS-PB112 Datasheet
1Mb / 2P
Industry-leading solutions for light guide DRL, and signature lamps
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
Industry-leading solutions for low and high beam lamps
DS157 LUMILEDS-DS157 Datasheet
1Mb / 17P
Industry-leading solutions for low and high beam lamps
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
Industry-leading solutions for light guide DRL, and signature lamps
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
Industry-leading solutions for light guide DRL, and signature lamps
logo
Bel Fuse Inc.
MTT-300 BEL-MTT-300 Datasheet
793Kb / 2P
Solutions for the Heavy Duty Machine Industry
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com