Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX-2000 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # SPX-2000
Description  INDUSTRY LEADERS DEPEND ON US ...FOR SOLUTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SPX-2000 Datasheet(HTML) 3 Page - Cypress Semiconductor

  SPX-2000 Datasheet HTML 1Page - Cypress Semiconductor SPX-2000 Datasheet HTML 2Page - Cypress Semiconductor SPX-2000 Datasheet HTML 3Page - Cypress Semiconductor SPX-2000 Datasheet HTML 4Page - Cypress Semiconductor SPX-2000 Datasheet HTML 5Page - Cypress Semiconductor SPX-2000 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• The Controller's LED signal changes the state of the Door Strike relay.
• The Controller's Supervised Alarm Input monitors the state of the End-of-Line Device.
• If loss of power or communication occurs, the Supervised Trouble Input will activate.
• The Programming Resistor 1 is used to calibrate the Remote Unit's Alarm Input 1 Sensor.
(Any End-of-Line value from 100 Ω to 20KΩ can be monitored by using the same value for the Programming Resistor.)
Typical 4-Wire Communications
Installation with Wiegand Reader
Cypress Computer Systems, Inc. 1778 Imlay City Road Lapeer, MI 48446
TX(810)245-2300 FX(810)245-2332 www.cypresscom.com
End of Line Device
Gnd
+5vDC
Data 0
Data 1
LED
Power
Supply
Door Strike
Wiegand Reader
Remote
10,000 Ft.
Line+
Line-
Pwr
Gnd
Programming Resistor
Central
12vDC
Gnd
Data 0
Data 1
LED
Supervised Trouble Input
Supervised Alarm Input
Weigand Controller



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com