Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC265LM3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC265LM3
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC265LM3 Datasheet(HTML) 1 Page - Analog Devices

  HMC265LM3 Datasheet HTML 1Page - Analog Devices HMC265LM3 Datasheet HTML 2Page - Analog Devices HMC265LM3 Datasheet HTML 3Page - Analog Devices HMC265LM3 Datasheet HTML 4Page - Analog Devices HMC265LM3 Datasheet HTML 5Page - Analog Devices HMC265LM3 Datasheet HTML 6Page - Analog Devices HMC265LM3 Datasheet HTML 7Page - Analog Devices HMC265LM3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8
8 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC265LM3
GaAs MMIC SUB-HARMONIC
SMT MIXER, 20 - 31 GHz
v01.1201
General Description
Features
Functional Diagram
The HMC265LM3 is a 20 - 31 GHz surface mount
sub-harmonically pumped (x2) MMIC mixer down-
converter with integrated LO and IF amplifiers in
a SMT leadless chip carrier package. The 2LO to
RF and IF isolations are an excellent 28 to 47 dB,
eliminating the need for additional filtering. The LO
amplifier is a single bias (+3V to +4V) two stage
design with only -4 dBm drive requirement. All data is
with the non-hermetic, epoxy sealed LM3 packaged
device mounted in a 50 ohm test fixture. Utilizing the
HMC265LM3 eliminates the need for wirebonding,
thereby providing a consistent connection interface
for the customer.
Integrated LO Amplifier: -4 dBm Input
Sub-Harmonically Pumped (x2) LO
High 2LO/RF Isolation: > 28 dB
LM3 SMT Package
Electrical Specifications, T
A = +25° C, As a Function of Vdd
Typical Applications
The HMC265LM3 is ideal for:
• 20 and 31 GHz Microwave Radios
• Downconverter for Point to Point Radios
• LMDS and SATCOM
Parameter
IF = 2 GHz
LO = -4 dBm & Vdd = +4V
IF = 2 GHz
LO = -4 dBm & Vdd = +4V
IF = 2 GHz
LO = -4 dBm & Vdd = +3V
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF
20 - 31
27 - 30
21 - 30
GHz
Frequency Range, LO
10 - 15.5
13.5 - 15
10.5 - 15
GHz
Frequency Range, IF
0.7 - 3
0.7 - 3
0.8 - 2.8
GHz
Conversion Gain (RF to IF)
-2
3
0
4
-1
3
dB
Noise Figure (SSB)
13
13
13
dB
2LO to RF Isolation
21
28
28
35
20
28
dB
2LO to IF Isolation
39
47
40
48
38
47
dB
IP3 (Input)
2
8
6
10
2
8
dBm
1 dB Compression (Input)
-1
+2
0
+3
0
dBm
Supply Current (Idd)
50
50
40
mA
*Unless otherwise noted, all measurements performed as downconverter, IF= 2 GHz.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC265LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
354Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC265LM3 HITTITE-HMC265LM3_06 Datasheet
354Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
More results

Similar Description - HMC265LM3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC264LC3B HITTITE-HMC264LC3B Datasheet
351Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC258LM3 HITTITE-HMC258LM3_06 Datasheet
313Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC265LM3 HITTITE-HMC265LM3_06 Datasheet
354Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC258LM3 HITTITE-HMC258LM3_08 Datasheet
223Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC264LC3B HITTITE-HMC264LC3B_09 Datasheet
226Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC264LM3 HITTITE-HMC264LM3_08 Datasheet
274Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com