Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IRFP450
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IRFP450 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IRFP450 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 2Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 3Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 4Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 5Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 6Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 7Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 8Page - List of Unclassifed Manufacturers IRFP450 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Order #
(1-9)
A3141LUA $1.64
A3212ELHLT 0.77
A3280LLHLT 1.07
A3515EUA
1.81
A3515LUA
1.92
A3516LUA
1.92
A6275EA
1.44
A6276EA
2.13
A6810SA
1.88
AC128
1.74
AC141
6.29
AD202JY
47.25
AD210AN
78.25
AD210BN
93.45
AD210JN
69.30
AD215BY
79.70
AD524AD
20.51
AD569JN
45.60
AD581JH
6.42
AD590JF
16.22
AD590LH
26.53
AD590MF
95.68
Order #
(1-9)
AD594AD $26.40
AD595AQ
13.90
AD595CD
40.29
AD595CQ
25.13
AD603AR
8.96
AD606JR
45.20
AD620BN
8.50
AD620BR
8.50
AD625CD
58.01
AD630JN
18.56
AD633JN
6.80
AD637KQ
35.05
AD652AQ
16.58
AD652BQ
26.25
AD654JN
3.67
AD694JN
12.36
AD698AP
28.65
AD7545AKN 12.39
AD7715AN-5 9.78
AD7722AS 46.64
AD780BR
11.77
AD7846KN 49.72
Order #
(1-9)
AD797BR $10.72
AD8001AR
4.76
AD811JR
6.31
AD8138AR
5.52
AD823AR
4.80
AD8554AR
6.34
AD9240AS 28.53
AD976AR
36.24
AMP01GS
16.76
AN103
8.09
AN1393
3.69
AN1431
1.54
AN1431T
0.59
AN1741
1.02
AN17805A
3.59
AN211
6.79
AN214
8.19
AN217
6.29
AN221
4.89
AN240
4.89
AN241
4.99
AN262
6.89
Order #
(1-9)
AN274
$7.79
AN278
4.10
AN287
3.44
AN304
7.99
AN315
8.39
AN3310
11.95
AN3310K
11.95
AN3312
7.59
AN3313
7.59
AN360
2.90
AN362
7.49
AN363
7.29
AN366
5.59
AN377
6.69
AN4558
0.56
AN5020
3.87
AN5070
3.67
AN5125
8.89
AN5135
14.95
AN5136
3.79
AN5136K
3.79
AN5156
7.25
Order #
(1-9)
AN5156K
$7.25
AN5160
14.20
AN5160NK 14.20
AN5163
8.56
AN5163K
8.56
AN5165K
16.18
AN5262
4.89
AN5265
0.79
AN5277
2.79
AN5301
14.95
AN5302
3.61
AN5302K
3.61
AN5304NK
9.60
AN5306NFBS*
28.59
AN5310
23.95
AN5320
6.79
AN5330
14.95
AN5352
7.09
AN5352N
7.09
AN5410
8.79
Order #
(1-9)
AN5416
$11.95
AN5435
3.39
AN5436
1.84
AN5436N
1.84
AN5512
2.42
AN5515
3.36
AN5520
7.49
AN5521
2.28
AN5522
3.99
AN5532
9.35
AN5539
2.29
AN5551
1.39
AN5700
2.47
AN5753
1.40
AN5763
1.79
AN5790
1.53
AN5836
1.05
AN5862
3.57
AN5862K
3.57
AN612
6.29
AN614
19.83
Order #
(1-9)
AN6209
$8.19
AN6291
7.79
AN6306
8.89
AN6307
4.39
AN6310
7.59
AN6342
5.99
AN6344
14.95
AN6346
12.42
AN6359
16.95
AN6360
7.79
AN6361
7.59
AN6366
12.95
AN6366NK 12.95
AN6387
12.95
AN6531
5.78
AN6551
1.59
AN6552
0.56
Order #
(1-9)
AN6553
$3.62
AN6554
0.46
AN6555
0.98
AN6612
0.89
AN6876
3.69
AN6912
1.46
AN6914
3.69
AN7062
2.29
AN7062N
2.29
AN7110
0.77
AN7115
5.29
AN7124
1.72
AN7125
3.62
AN7131
1.46
AN7134NR
4.63
AN7135
2.07
AN7140
1.46
Order #
(1-9)
AN7145
$7.89
AN7146
6.89
AN7147
1.58
AN7148
3.93
AN7149
3.93
AN7149N
3.93
AN7158
9.59
AN7161
4.32
AN7161N
4.32
AN7161NFP 5.99
AN7166
9.59
AN7168
7.69
AN7169
7.69
AN7173
4.77
AN7173K
4.77
AN7178
2.16
AN7178NK
2.16
337
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
SEMICONDUCTORS
MCM has an extensive selection of SMD
(Surface Mount Devices) which are denoted
on the following page with an *(asterisk)!
COUNT ON MCM
TO ALWAYS PROVIDE...
•High quality semiconductors
•Original parts-never rebrands
•Broad selection
•Competitive pricing
•Hard to find items
•Customer support
•One year warranty
•Parts listed in computer sort order
If MCM is not able to supply an item, a guaranteed substitute may be sent.
Audio Power
Amplifiers . . . . . . . . .348
Audio Grade Capacitors 361
Bridge Rectifiers 348, 349
Capacitors . . . . .354~363
Crystals . . . . . . . . . . .366
Diodes 348, 349, 351, 353
Electron Tubes . . . . . .361
Heat Sinks . . . . . . . . .350
IC Protectors . . . . . . .350
IC Sockets . . . . . . . . .350
Kemet . . . . .355, 360, 361
Kits . . . . . .349, 351, 354,
355, 366
Meggitt . . . . . . . . . . .364
Multicomp . . . . .360, 364
Nichicon . . . . . .354~359,
361, 362
NTE . . .351~355, 364~367
ON . . . . . . . . . . . . . .347
Panasonic . .356~359, 362
Potentiometers . .366, 367
Reference
Books/CDs . . . . .348, 349,
351, 355, 359, 366
Resistors . . . . . .363~366
Thermal Fuses . . . . . .365
United Chemicon 356~358,
362
Vishay . . . . . . . .355, 362
Semiconductors/Components
New semiconductors are printed in purple.
C52_pg_337~347
8/16/07
11:47 AM
Page 337


Similar Part No. - IRFP450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
logo
IXYS Corporation
IRFP450 IXYS-IRFP450 Datasheet
46Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
More results

Similar Description - IRFP450

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
52Kb / 8P
DISCRETE SEMICONDUCTORS
2002 Mar 04
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
VEMD6010X01 VISHAY-VEMD6010X01 Datasheet
159Kb / 7P
Vishay Semiconductors
03-Jul-15
logo
American Microsemicondu...
3N201 AMMSEMI-3N201 Datasheet
116Kb / 1P
Discrete Semiconductors
3N203 AMMSEMI-3N203 Datasheet
116Kb / 1P
Discrete Semiconductors
3N206 AMMSEMI-3N206 Datasheet
116Kb / 1P
Discrete Semiconductors
BF804 AMMSEMI-BF804 Datasheet
116Kb / 1P
Discrete Semiconductors
BF806 AMMSEMI-BF806 Datasheet
116Kb / 1P
Discrete Semiconductors
BFW56 AMMSEMI-BFW56 Datasheet
116Kb / 1P
Discrete Semiconductors
logo
List of Unclassifed Man...
STK413-220A ETC1-STK413-220A Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com