Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDR2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDR2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDR2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDR2 Datasheet HTML 1Page - M-System Co.,Ltd. MDR2 Datasheet HTML 2Page - M-System Co.,Ltd. MDR2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDR2
MDR2 SPECIFICATIONS
ES-8106 Rev.6 Page 1/3
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
MULTI-CHANNEL USE
(high discharge current capacity)
Functions & Features
• Protection for semiconductor switches of discrete outputs
against lightning surge damage
• Applicable to both negative and positive common signals
• Applicable to multi analog signals (non-isolation between
channels)
• Space saving with multi-channel protectors
• LED monitor indicating degradation of voltage limiter
• LED monitor driven by discrete I/O signal without auxiliary
power supply
40 [1.57]
160 [6.30]
95 [3.74]
PROTECT
SIDE
MONITOR
1
2
3
4
5
6
7
8
SURGE
SIDE
S1
S2
S3
S4
S5
S6
S7
S8
COM
G
P1
P2
P3
P4
P5
P6
P7
P8
COM
G
mm [inch]
MODEL: MDR2–8[1][2]
ORDERING INFORMATION
• Code number: MDR2-8[1][2]
Specify a code from below for each of [1] and [2].
(e.g. MDR2-8NA)
NUMBER OF PROTECTORS
8: 8 points
[1] COMMON
N: Negative common (NPN)
P: Positive common (PNP)
[2] LEAKAGE CURRENT INDICATOR
Y: None
A: With
GENERAL SPECIFICATIONS
Construction: terminal board; terminal cover provided
Connection: M3.5 screw terminals (torque 1.1 N·m)
Screw terminal: Nickel-plated steel
Housing material: Steel
LED monitor: Red
The leakage current from voltage limiter increases due to its
degradation.
LED becomes brighter gradually in proportion to this
leakage current.
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 520 g (1.15 lb)
PERFORMANCE
Response time: ≤ 4 nsec
Leakage current @ max. voltage
Line to COM: 5 μA
Line to line: 5 μA
COM to earth: 5 μA
Max. discharge current (Imax)
Line to COM: 10 kA
Line to line: 10 kA
COM to earth: 10 kA
Nominal current (IN): 150 mA
Internal series resistance: 22 Ω ±20 %
Surge protection: IEC 61643-21 Categories C1, C2, D1
Max. Continuous operating voltage (Uc)
MDR2
-8NY
-8NA
-8PY
-8PA
Between each of S1 to S8 lines
±30V
Each line to COM*
+30V
-30V
Each line or COM to Earth
±150V
*MDR2 is operational as an SPD despite less than +2V (for
MDR2-8PA) or more than -2V (for MDR2-8NA). However,
the function of the monitor LED is not guaranteed.
Voltage protection level (Up)
• @1kV / 100A (1.2 / 50µs)
MDR2
-8NY
-8NA
-8PY
-8PA
Between each of S1 to S8 lines
±40V
±50V
±40V
±50V
Each line to COM
+40V
+50V
-40V
-50V
Each line or COM to Earth
±500V
• @4kV / 2kA (1.2 / 50µs)
MDR2
-8NY
-8NA
-8PY
-8PA
Between each of S1 to S8 lines
±60V
Each line to COM
+50V
+60V
-50V
-60V
Each line or COM to Earth
±600V


Similar Part No. - MDR2

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDR200A30 SANREX-MDR200A30 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDR200A40 SANREX-MDR200A40 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDR200A50 SANREX-MDR200A50 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
logo
Spectrum Microwave, Inc...
MDR2100 SPECTRUM-MDR2100 Datasheet
85Kb / 1P
Dielectric Resonator Oscillator
MDR2100-10500 SPECTRUM-MDR2100-10500 Datasheet
109Kb / 1P
Dielectric Resonator Oscillator
More results

Similar Description - MDR2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com