Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDR2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDR2
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDR2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDR2 Datasheet HTML 1Page - M-System Co.,Ltd. MDR2 Datasheet HTML 2Page - M-System Co.,Ltd. MDR2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDR2
MDR2 SPECIFICATIONS
ES-8106 Rev.6 Page 2/3
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
CONNECTION EXAMPLES
TELEMETER
PLC
XMTR
M-RESTER
PROTECTED
EQUIPMENT
M-RESTER
P1
P2
P8
G
COM
RELAY
METAL
HOUSING
FIELD
S1
S2
S8
COM
S1
S2
S8
G
G
COM
P1
P2
P8
COM
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
PROTECT
SIDE
MONITOR
1
2
3
4
5
6
7
8
SURGE
SIDE
S1
S2
S3
S4
S5
S6
S7
S8
COM
G
P1
P2
P3
P4
P5
P6
P7
P8
COM
G
*
20–M3.5 SCREW
4–4.5 [.18] dia.
MTG HOLE
40 [1.57]
25 [.98]
95 [3.74]
70 [2.76]
LED MONITOR
*Only available with MDR2-8xA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com