Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4706 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP4706
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 32Page - Microchip Technology MCP4706 Datasheet HTML 33Page - Microchip Technology MCP4706 Datasheet HTML 34Page - Microchip Technology MCP4706 Datasheet HTML 35Page - Microchip Technology MCP4706 Datasheet HTML 36Page - Microchip Technology MCP4706 Datasheet HTML 37Page - Microchip Technology MCP4706 Datasheet HTML 38Page - Microchip Technology MCP4706 Datasheet HTML 39Page - Microchip Technology MCP4706 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
MCP47A1
DS25154A-page 36
 2012 Microchip Technology Inc.
FIGURE 5-14:
I2C Read Command Format.
FIGURE 5-15:
I2C Read Communication Behavior.
STOP bit
Slave Address Byte (3)
Command Code
1
01
0
S1
1 0
0
0
A0
0
0 A
Slave Address Byte (3)
Data Byte
AD3
0 D6D5D4
D2D1 D0 A(2) P
Read/Write bit (“0” = Write)
00
0
0
11
0 1
01
0
1
S = Start Condition
P = Stop Condition
A = Acknowledge
X = Don’t Care
R/W = Read/Write bit
D6:D0 = Data bits
Legend
S
Read/Write bit (“1” = Read)
Note 1: Master Device is responsible for ACK / NACK signal. If a NACK signal occurs, the MCP47A1 will abort this transfer
and release the bus.
2: The Master Device will Not ACK, and the MCP47A1 will release the bus so the Master Device can generate a Stop or
Repeated Start condition.
3: Example using Slave Address Option A0 (5Ch).
Read 1 Byte with Command Code = 00h
Read 2 Byte with Command Code = 00h
SSlave Address
R
/
W
A
C
K Command Code
A
C
K
R
SSlave Address
R
/
W
A
C
K
Master
S 0 1 011 100 100 000 0001 S 010 111 011
MCP47A1
0
0
0
I2C Bus
S 01 011 100 000 000 0000 S 010 111 010
Data Byte
A
C
KP
Master
1 P
MCP47A1
0 d ddd ddd1
I2C Bus
0 d ddd ddd1 P
SSlave Address
R
/
W
A
C
K Command Code
A
C
K
R
SSlave Address
R
/
W
A
C
K
Master
S 0 1 011 100 100 000 0001 S 010 111 011
MCP47A1
0
0
0
I2C Bus
S 01 011 100 000 000 0000 S 010 111 010
Data Byte
A
C
KData Byte
A
C
KP
Master
0
1 P
MCP47A1
0 d ddd ddd1 0ddd ddd d1
I2C Bus
0 d ddd ddd0 0ddd ddd d1P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com