Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4706 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP4706
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 35Page - Microchip Technology MCP4706 Datasheet HTML 36Page - Microchip Technology MCP4706 Datasheet HTML 37Page - Microchip Technology MCP4706 Datasheet HTML 38Page - Microchip Technology MCP4706 Datasheet HTML 39Page - Microchip Technology MCP4706 Datasheet HTML 40Page - Microchip Technology MCP4706 Datasheet HTML 41Page - Microchip Technology MCP4706 Datasheet HTML 42Page - Microchip Technology MCP4706 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 39
MCP47A1
6.3
Serial Buffer to Wiper Register
Decode
The I2C’s Data Byte is 8-bits, where only the lower 7-
bits are implemented. This register is called the Serial
Shift Register (SSR). The Wiper register supports
addressing of 65 taps (6-bit resolution). Table 6-1
shows the decoding of the Serial Shift Register to the
Wiper Register value.
TABLE 6-1:
SERIAL SHIFT REGISTER
VALUE TO WIPER VALUE
6.4
Resistor Variations
(Voltage and Temperature)
The RAB resistors are implemented to have minimal
variations (by design). Any variations should occur
uniformly on all the resistor elements, so the resistor’s
elements will track each other over temperature and
process variations.
The variation of the resistive elements over the operat-
ing voltage range is also minimal. Therefore the VREF
resistance (RVREF) of the device has minimal variation
due to operating voltage.
Since the VOUT pin’s voltage is ratiometric, and the
resistive elements change uniformly over temperature,
process, and operating voltage variations. Minimal
variation should be seen on the VOUT pin’s voltage.
6.5
POR Value
A POR/BOR event will load the volatile Serial Shift
Register (and therefore Wiper register) with the default
value. Table 6-2 shows the default values offered.
TABLE 6-2:
POR/BOR SETTINGS
Note 1: The I2C Write and Read commands
access the value in the Serial Shift Regis-
ter (SSR).
2: The MSb of the I2C Data Byte is ignored
and not loaded into the SSR. A write of
C0h, will result in the same VOUT voltage
as a write of 40h (mid-scale). A subse-
quent read command (of the SSR) will
result in a value of 40h.
3: The 7-bit SSR value is decoded to a 6-bit
(65 taps) value that controls the wiper’s
position.
I2C Write
Data
SSR(1)
Wiper
Value(2)
Comment
00h
00h
00h
Wiper Register at
Zero Scale,
VOUT = VSS
01h or 81h
01h
01h
02h or 82h
02h
02h
::
:
20h or A0h
20h
20h
Mid-Scale (POR
value),
VOUT = (1/2) * VREF
::
:
3Eh or BEh
3Eh
3Eh
Wiper Register =
SSR - 20h
3Fh or BFh
3Fh
3Fh
Wiper Register =
SSR - 20h
40h - 7Fh or
C0h - FFh
40h -
7Fh
40h
Wiper Register at
Full Scale,
VOUT = VREF
Note 1: The Serial Shift Register (SSR) is 7-bits
wide and holds the value written from the
I2C Write command. An I2C Read com-
mand will read the value in this register.
2: The Wiper value is the value that controls
the resistor ladder’s wiper position.
Device
Setting
Register Value (1)
SSR
Wiper
MCP47A1
Mid-scale
20h or A0h
20h
Note 1: Custom POR/BOR Wiper Setting options
are available; contact the local Microchip
Sales Office for additional information.
Custom options have NRE and minimum
volume requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com