Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CXBX2 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP48CXBX2
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CXBX2 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP48CXBX2 Datasheet HTML 45Page - Microchip Technology MCP48CXBX2 Datasheet HTML 46Page - Microchip Technology MCP48CXBX2 Datasheet HTML 47Page - Microchip Technology MCP48CXBX2 Datasheet HTML 48Page - Microchip Technology MCP48CXBX2 Datasheet HTML 49Page - Microchip Technology MCP48CXBX2 Datasheet HTML 50Page - Microchip Technology MCP48CXBX2 Datasheet HTML 51Page - Microchip Technology MCP48CXBX2 Datasheet HTML 52Page - Microchip Technology MCP48CXBX2 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 49
MCP48CXBXX
Register 4-2 shows the format of the Voltage
Reference Control register. Each DAC has two bits to
control the source of the voltage reference of the DAC.
This register is for the volatile memory locations. The
width of this register is 2 times the number of DACs for
the device.
REGISTER 4-2:
VOLTAGE REFERENCE (VREF) CONTROL REGISTERS (08h/18h)
(VOLATILE/NONVOLATILE)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-n R/W-n R/W-n R/W-n
Single
——
———
——
———
——
—(1)
—(1) VR0B VR0A
Dual
—
—
—
—
—
—
—
—
—
—
—
—
VR1B VR1A VR0B VR0A
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single-channel device
= Dual-channel device
Single
Dual
bit 15-2
bit 15-4
Unimplemented: Read as ‘0’
bit 1-0
bit 3-0
VRxB-VRxA: DAC Voltage Reference Control bits
11 = VREF pin (Buffered); VREF buffer enabled
10 = VREF pin (Unbuffered); VREF buffer disabled
01 = Internal Band Gap(2) (1.214V typical); VREF buffer enabled. VREF voltage driven when
powered-down.
00 = VDD (Unbuffered); VREF buffer disabled. Use this state with power-down bits for lowest
current.
Note 1:
Unimplemented bit, read as ‘0’.
2:
When the Internal Band Gap is selected, the band gap voltage source will continue to output the voltage
on the VREF pin in any of the Power-Down modes. To reduce the power consumption to its lowest level
(Band Gap disabled), after selecting the desired Power-Down mode, the voltage reference should be
changed to VDD or VREF pin unbuffered (“00” or ‘10’), which turns off the Internal Band Gap circuitry. After
wake-up, the user needs to reselect the Internal Band Gap (“01”) for the voltage reference source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com