Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CXBX2 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP48CXBX2
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CXBX2 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP48CXBX2 Datasheet HTML 9Page - Microchip Technology MCP48CXBX2 Datasheet HTML 10Page - Microchip Technology MCP48CXBX2 Datasheet HTML 11Page - Microchip Technology MCP48CXBX2 Datasheet HTML 12Page - Microchip Technology MCP48CXBX2 Datasheet HTML 13Page - Microchip Technology MCP48CXBX2 Datasheet HTML 14Page - Microchip Technology MCP48CXBX2 Datasheet HTML 15Page - Microchip Technology MCP48CXBX2 Datasheet HTML 16Page - Microchip Technology MCP48CXBX2 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 13
MCP48CXBXX
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V,
RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD =5.5V, TA =+25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Digital Inputs/Outputs (CS, SDI, SDO, SCK, LATx)
Schmitt Trigger High-Input
Threshold
VIH
0.45 VDD
——
V
1.8V
 VDD  5.5V (Allows 2.7V
Digital VDD with 5.5V Analog VDD
or 1.8V Digital VDD with 3.0V
Analog VDD)
Schmitt Trigger Low-Input
Threshold
VIL
——
0.2 VDD
V
Hysteresis of Schmitt Trig-
ger Inputs
VHYS
—0.1 VDD
—V
Output Low Voltage (SDO)
VOL
VSS
—
0.3 VDD
VIOL =200 µA
Output High Voltage (SDO)
VOH
0.7 VDD
—
VDD
VIOH =-200 µA
Input Leakage Current
IIL
-1
—
1
µA
VIN =VDD and VIN =VSS
Pin Capacitance
CIN, COUT
—10
—
pF
RAM Value
Value Range
N
0h
—
FFh
hex
8-bit
0h
—
3FFh
hex
10-bit
0h
—
FFFh
hex
12-bit
DAC Register POR/BOR
Value
NSee Table 4-2
hex
8-bit
See Table 4-2
hex
10-bit
See Table 4-2
hex
12-bit
PDCON Initial
Factory Setting
—See Table 4-2
hex
Power Requirements
Power Supply Sensitivity
(B.17 “Power-Supply
Sensitivity (PSS)”)
PSS
—
0.001
0.0035
%/% 8-bit
Code = Midscale
10-bit
12-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com