Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBXX Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP48FVBXX
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBXX Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP48FVBXX Datasheet HTML 17Page - Microchip Technology MCP48FVBXX Datasheet HTML 18Page - Microchip Technology MCP48FVBXX Datasheet HTML 19Page - Microchip Technology MCP48FVBXX Datasheet HTML 20Page - Microchip Technology MCP48FVBXX Datasheet HTML 21Page - Microchip Technology MCP48FVBXX Datasheet HTML 22Page - Microchip Technology MCP48FVBXX Datasheet HTML 23Page - Microchip Technology MCP48FVBXX Datasheet HTML 24Page - Microchip Technology MCP48FVBXX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 21
MCP48FVBXX
TABLE 1-3:
SPI REQUIREMENTS (MODE = 11)
SPI AC
Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40
C  TA  +125C (Extended)
Operating Voltage range is described in DC Characteristics.
Param.
No.
Sym.
Characteristic
Min. Max. Units
Conditions
FSCK
SCK input frequency
—
10
MHz VDD = 2.7V to 5.5V
(Read command)
—20
MHz VDD = 2.7V to 5.5V
(All other commands)
—1
MHz VDD = 1.8V to 2.7V
70
TcsA2scH CS Active (VIL) to command’s 1st SCK input
60
—
ns
71
TscH
SCK input high time
20
—
ns
VDD = 2.7V to 5.5V
400
—
ns
VDD = 1.8V to 2.7V
72
TscL
SCK input low time
20
—
ns
VDD = 2.7V to 5.5V
400
—
ns
VDD = 1.8V to 2.7V
73
TdiV2scH Setup time of SDI input to SCK
 edge
10
—
ns
74
TscH2diL Hold time of SDI input from SCK
 edge
20
—
ns
77
TcsH2DOZCS Inactive (VIH) to SDO output hi-impedance
—
50
ns
Note 1
80
TscL2doV SDO data output valid after SCK
 edge
—
45
ns
VDD = 2.7V to 5.5V
—
170
ns
VDD = 1.8V to 2.7V
83
TscH2csL CS Inactive (VIH) after SCK edge
100
—
ns
VDD = 2.7V to 5.5V
1µs
VDD = 1.8V to 2.7V
84
TcsH
CS high time (VIH)
50
—
ns
94
TLATSU
LAT
 to SCK
↑ (write data 24th bit) setup time 20
—
ns
Write Data transferred (4)
96
TLAT
LAT high or low time
20
—
ns
97
THVCSU
HVC
 to SCK  (1st data bit)
(HVC setup time)
0—
ns
High-Voltage Commands (1)
(MCP48FEBxx only)
98
THVCHD
SCK
↑ (last bit of command (8th or 24th bit))
to HVC
 (HVC hold time)
25
—
ns
High-Voltage Commands (1)
(MCP48FEBxx only)
Note 1
This parameter is ensured by design.
Note 4
The transition of the LAT signal must occur 10 ns before the rising edge of the 24th SCK signal (Spec 94) or
the current register data value may not be transferred to the output latch (VOUT) before the register is
overwritten with the new value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com