Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBXX Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP48FVBXX
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBXX Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP48FVBXX Datasheet HTML 41Page - Microchip Technology MCP48FVBXX Datasheet HTML 42Page - Microchip Technology MCP48FVBXX Datasheet HTML 43Page - Microchip Technology MCP48FVBXX Datasheet HTML 44Page - Microchip Technology MCP48FVBXX Datasheet HTML 45Page - Microchip Technology MCP48FVBXX Datasheet HTML 46Page - Microchip Technology MCP48FVBXX Datasheet HTML 47Page - Microchip Technology MCP48FVBXX Datasheet HTML 48Page - Microchip Technology MCP48FVBXX Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 45
MCP48FVBXX
5.5
Latch Pin (LAT)
The Latch pin controls when the volatile DAC Register
value is transferred to the DAC wiper. This is useful for
applications that need to synchronize the wiper(s)
updates to an external event, such as zero crossing or
updates to the other wipers on the device. The LAT pin
is asynchronous to the serial interface operation.
When the LAT pin is high, transfers from the volatile DAC
register to the DAC wiper are inhibited. The volatile DAC
register value(s) can still be updated.
When the LAT pin is low, the volatile DAC register value
is transferred to the DAC wiper.
Figure 5-8 shows the interaction of the LAT pin and the
loading of the DAC wiper x (from the volatile DAC
Register x). The transfers are level driven. If the
LAT pin is held low, the corresponding DAC wiper is
updated as soon as the volatile DAC Register value is
updated.
FIGURE 5-8:
LAT and DAC Interaction.
The LAT pin allows the DAC wiper to be updated to an
external event as well as have multiple DAC
channels/devices update at a common event.
Since the DAC wiper x is updated from the Volatile
DAC Register x, all DACs that are associated with a
given LAT pin can be updated synchronously.
If the application does not require synchronization, then
this signal should be tied low.
Figure 5-9 shows two cases of using the LAT pin to
control when the wiper register is updated relative to
the value of a sine wave signal.
FIGURE 5-9:
Example Use of LAT Pin Operation.
Note:
This allows both the volatile DAC0 and
DAC1 registers to be updated while the
LAT pin is high, and to have outputs
synchronously updated as the LAT pin is
driven low.
Write Command
Register Address
Vol. DAC Register x
DAC wiper x
16 Clocks
LAT
SYNC
Transfer
Serial Shift Reg
Data
(internal signal)
LAT
SYNC
Transfer
Data
Comment
11
0
No Transfer
10
0
No Transfer
01
1
Vol. DAC Register x
 DAC wiper x
00
0
No Transfer
Case 1:
Zero Crossing of sine wave to update volatile DAC0 register (using LAT pin)
Case 2:
Fixed Point Crossing of sine wave to update volatile DAC0 register (using LAT pin)
Indicates where LAT pin pulses active (volatile DAC0 register updated).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com