Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB01 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP48FVB01
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB01 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP48FVB01 Datasheet HTML 58Page - Microchip Technology MCP48FVB01 Datasheet HTML 59Page - Microchip Technology MCP48FVB01 Datasheet HTML 60Page - Microchip Technology MCP48FVB01 Datasheet HTML 61Page - Microchip Technology MCP48FVB01 Datasheet HTML 62Page - Microchip Technology MCP48FVB01 Datasheet HTML 63Page - Microchip Technology MCP48FVB01 Datasheet HTML 64Page - Microchip Technology MCP48FVB01 Datasheet HTML 65Page - Microchip Technology MCP48FVB01 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
MCP48FVBXX
DS20005466A-page 62
 2015 Microchip Technology Inc.
8.2
Application Examples
The MCP48FVBXX devices are rail-to-rail output DACs
designed to operate with a VDD range of 2.7V to 5.5V.
The internal output operational amplifier is robust
enough to drive common, small-signal loads directly,
thus eliminating the cost and size of external buffers for
most applications. The user can use gain of 1 or 2 of
the output operational amplifier by setting the
Configuration register bits. Also, the user can use
internal VDD as the reference or use an external
reference. Various user options and easy-to-use
features make the devices suitable for various modern
DAC applications.
Application examples include:
• Decreasing Output Step Size
• Building a “Window” DAC
• Bipolar Operation
• Selectable Gain and Offset Bipolar Voltage Output
• Designing a Double-Precision DAC
• Building Programmable Current Source
• Serial Interface Communication Times
• Power Supply Considerations
• Layout Considerations
8.2.1
DC SET POINT OR CALIBRATION
A common application for the devices is a
digitally-controlled set point and/or calibration of
variable parameters, such as sensor offset or slope.
For example, the MCP48FVB2X provides 4096 output
steps. If voltage reference is 4.096V (where Gx = ‘0’),
the LSb size is 1 mV. If a smaller output step size is
desired, a lower external voltage reference is needed.
8.2.1.1
Decreasing Output Step Size
If the application is calibrating the bias voltage of a
diode or transistor, a bias voltage range of 0.8V may be
desired with about 200 µV resolution per step. Two
common methods to achieve small step size are:
• Using lower V
REF pin voltage: Using an external
voltage reference (VREF) is an option if the
external reference is available with the desired
output voltage range. However, occasionally,
when using a low-voltage reference voltage, the
noise floor causes a SNR error that is intolerable.
• Using a voltage divider on the DAC’s output:
Using
a
voltage
divider
provides
some
advantages when external voltage reference
needs to be very low or when the desired output
voltage is not available. In this case, a larger
value reference voltage is used while two
resistors scale the output range down to the
precise desired level.
Figure 8-2 illustrates this concept. A bypass capacitor
on the output of the voltage divider plays a critical
function in attenuating the output noise of the DAC and
the induced noise from the environment.
FIGURE 8-2:
Example Circuit Of
Set-Point or Threshold Calibration.
EQUATION 8-1:
VOUT AND VTRIP
CALCULATIONS
R1
VCC+
VCC
VOUT
SPI
4-wire
VREF
Optional
MCP48FVBXX
VDD
VO
R2
C1
RSENSE
Comp.
VDD
VTRIP
+
-
V
trip
V
OUT
R
2
R
1
R
2
+
--------------------



=
VOUT = VREF • G •
DAC Register Value
2N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com