Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB01 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP48FVB01
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB01 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP48FVB01 Datasheet HTML 6Page - Microchip Technology MCP48FVB01 Datasheet HTML 7Page - Microchip Technology MCP48FVB01 Datasheet HTML 8Page - Microchip Technology MCP48FVB01 Datasheet HTML 9Page - Microchip Technology MCP48FVB01 Datasheet HTML 10Page - Microchip Technology MCP48FVB01 Datasheet HTML 11Page - Microchip Technology MCP48FVB01 Datasheet HTML 12Page - Microchip Technology MCP48FVB01 Datasheet HTML 13Page - Microchip Technology MCP48FVB01 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
MCP48FVBXX
DS20005466A-page 10
 2015 Microchip Technology Inc.
DC CHARACTERISTICS (CONTINUED)
DC
Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
Unless otherwise noted, all parameters apply across these specified operating ranges:
VDD = +2.7V to 5.5V, VREF = +2.048V to VDD, VSS = 0V
Gx = ‘0’, RL = 5 k from VOUT to GND, CL = 100 pF
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Full-Scale Error
(see
B.4 “Full-Scale
Error (EFS)”)
EFS
4.5
LSb
8-bit
Code = FFh, VRxB:VRxA = ‘11’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = FFh, VRxB:VRxA = ‘10’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = FFh, VRxB:VRxA = ‘01’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = FFh, VRxB:VRxA = ‘00’
No Load
18
LSb
10-bit Code = 3FFh, VRxB:VRxA = ‘11’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = 3FFh, VRxB:VRxA = ‘10’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = 3FFh, VRxB:VRxA = ‘01’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = 3FFh, VRxB:VRxA = ‘00’
No Load
70
LSb
12-bit Code = FFFh, VRxB:VRxA = ‘11’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = FFFh, VRxB:VRxA = ‘10’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = FFFh, VRxB:VRxA = ‘01’
Gx = ‘0’, VREF = 2.048V, No Load
See Section 2.0, “Typical
Performance Curves” (2)
LSb
Code = FFFh, VRxB:VRxA = ‘00’
No Load
Note 2
This parameter is ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com