Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FEB02 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP48FEB02
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FEB02 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP48FEB02 Datasheet HTML 16Page - Microchip Technology MCP48FEB02 Datasheet HTML 17Page - Microchip Technology MCP48FEB02 Datasheet HTML 18Page - Microchip Technology MCP48FEB02 Datasheet HTML 19Page - Microchip Technology MCP48FEB02 Datasheet HTML 20Page - Microchip Technology MCP48FEB02 Datasheet HTML 21Page - Microchip Technology MCP48FEB02 Datasheet HTML 22Page - Microchip Technology MCP48FEB02 Datasheet HTML 23Page - Microchip Technology MCP48FEB02 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
MCP48FEBXX
DS20005429B-page 20
 2015 Microchip Technology Inc.
FIGURE 1-4:
SPI Timing (Mode = 11) Waveforms.
FIGURE 1-5:
SPI Timing (Mode = 00) Waveforms.
CS
SCK
SDO
SDI
70
71
72
73
74
77
80
MSb
LSb
BIT6 - - - - - -1
MSb IN
BIT6 - - - -1
LSb IN
83
84
VIH
VIL
VIH
VIH
VIHH
VIH
HVC
LAT
“0”
“0”
“1”
“1”
94
96
96
97
98
CS
SCK
SDO
SDI
70
71
72
82
SDI
74
MSb
BIT6 - - - - - -1
LSb
77
MSb IN
BIT6 - - - -1
LSb IN
80
83
84
73
VIH
VIL
VIH
VIH
VIHH
VIH
HVC
LAT
“0”
“0”
“1”
“1”
94
96
96
97
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com