Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FEB02 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP48FEB02
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FEB02 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP48FEB02 Datasheet HTML 49Page - Microchip Technology MCP48FEB02 Datasheet HTML 50Page - Microchip Technology MCP48FEB02 Datasheet HTML 51Page - Microchip Technology MCP48FEB02 Datasheet HTML 52Page - Microchip Technology MCP48FEB02 Datasheet HTML 53Page - Microchip Technology MCP48FEB02 Datasheet HTML 54Page - Microchip Technology MCP48FEB02 Datasheet HTML 55Page - Microchip Technology MCP48FEB02 Datasheet HTML 56Page - Microchip Technology MCP48FEB02 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005429B-page 53
MCP48FEBXX
6.0
SPI SERIAL INTERFACE
MODULE
The MCP48FEBXX’s SPI Serial Interface Module
supports the SPI serial protocol specification.
Figure 6-1 shows a typical SPI interface connection.
The command format and waveforms for the
MCP48FEBXX is defined in Section 7.0 “SPI
Commands”
.
6.1
Overview
This sections discusses some of the specific
characteristics of the MCP48FEBXX’s Serial Interface
Module.
The following sections discuss some of these
device-specific characteristics:
• Communication Data Rates
• Communication Data Rates
• POR/BOR
• Interface Pins (CS, SCK, SDI, SDO, and
LAT/HVC)
6.2
SPI SERIAL INTERFACE
The MCP48FEBXX devices support the SPI serial
protocol. This SPI operates in slave mode (does not
generate the serial clock).
The SPI interface uses up to four pins. These are:
•CS - Chip Select
• SCK - Serial Clock
• SDI - Serial Data In
• SDO - Serial Data Out
An additional HVC pin is available for High Voltage
command support. High Voltage commands allow the
device to enable and disable nonvolatile configuration
bits. Without high voltage present, those bits are
inhibited from being modified.
Typical SPI Interfaces are shown in Figure 6-1. In the
SPI interface, the Master’s Output pin is connected to
the Slave’s Input pin, and the Master’s Input pin is
connected to the Slave’s Output pin.
The MCP48FEBXX SPI’s module supports two (of the
four) standard SPI modes. These are Mode 0,0 and
1,1
. The SPI mode is determined by the state of the
SCK pin (VIH or VIL) when the CS pin transitions from
inactive (VIH) to active (VIL).
The HVC pin is high-voltage tolerant. To enter a
high voltage command, the HVC pin must be greater
than the VIHH voltage.
6.3
Communication Data Rates
The MCP48FEBXX supports clock rates (bit rate) of up
to 20 MHz for write commands and 10 MHz for read
commands.
For most applications, the write time will be considered
more important, since that is how the device operation
is controlled.
6.4
POR/BOR
On a POR/BOR event, the SPI Serial Interface Module
state machine is reset, which includes that the
Device’s Memory Address pointer is forced to 00h.
FIGURE 6-1:
Typical SPI Interface Block Diagram.
SDI
SDO
MCP48FEBXX
SDO
SDI
SCK
SCK
(Master Out - Slave In (MOSI))
(Master In - Slave Out (MISO))
Host
Controller
Typical SPI Interface Connections
CS
I/O
Note 1:
If High Voltage commands are desired, some type of external circuitry needs to be implemented.
2:
Requires the VIHH voltage to enable the High Voltage commands.
HVC (2)
I/O (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com