Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB02 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP48FVB02
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB02 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP48FVB02 Datasheet HTML 24Page - Microchip Technology MCP48FVB02 Datasheet HTML 25Page - Microchip Technology MCP48FVB02 Datasheet HTML 26Page - Microchip Technology MCP48FVB02 Datasheet HTML 27Page - Microchip Technology MCP48FVB02 Datasheet HTML 28Page - Microchip Technology MCP48FVB02 Datasheet HTML 29Page - Microchip Technology MCP48FVB02 Datasheet HTML 30Page - Microchip Technology MCP48FVB02 Datasheet HTML 31Page - Microchip Technology MCP48FVB02 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
MCP48FVBXX
DS20005466A-page 28
 2015 Microchip Technology Inc.
3.1
Positive Power Supply Input (VDD)
VDD is the positive supply voltage input pin. The input
supply voltage is relative to VSS.
The power supply at the VDD pin should be as clean as
possible for a good DAC performance. It is
recommended to use an appropriate bypass capacitor
of about 0.1 µF (ceramic) to ground. An additional
10 µF capacitor (tantalum) in parallel is also
recommended to further attenuate noise present in
application boards.
3.2
Voltage Reference Pin (VREF)
The VREF pin is either an input or an output. When the
DAC’s voltage reference is configured as the VREF pin,
the pin is an input. When the DAC’s voltage reference is
configured as the internal band gap, the pin is an output.
When the DAC’s voltage reference is configured as the
VREF pin, there are two options for this voltage input:
•VREF pin voltage buffered
•VREF pin voltage unbuffered
The buffered option is offered in cases where the
external reference voltage does not have sufficient
current capability to not drop its voltage when
connected to the internal resistor ladder circuit.
When the DAC’s voltage reference is configured as the
device VDD, the VREF pin is disconnected from the
internal circuit.
When the DAC’s voltage reference is configured as the
internal band gap, the VREF pin’s drive capability is
minimal, so the output signal should be buffered.
See Section 5.2, “Voltage Reference Selection” and
Register 4-2 for more details on the configuration bits.
3.3
Analog Output Voltage Pin (VOUT)
VOUT is the DAC analog voltage output pin. The DAC
output has an output amplifier. The DAC output range is
dependent on the selection of the voltage reference
source (and potential Output Gain selection). These are:
•Device VDD - The full-scale range of the DAC
output is from VSS to approximately VDD.
•VREF pin - The full-scale range of the DAC output
is from VSS to G  VRL, where G is the gain
selection option (1x or 2x).
• Internal Band Gap - The full-scale range of the
DAC output is from VSS to G  (2  VBG), where G
is the gain selection option (1x or 2x).
In Normal mode, the DC impedance of the output pin is
about 1
. In Power-Down mode, the output pin is
internally connected to a known pull-down resistor of
1k
, 100 k, or open. The Power-Down Selection bits
settings are shown in Register 4-3 and Table 5-5.
3.4
No Connect (NC)
The NC pin is not connected to the device.
3.5
Ground (VSS)
The VSS pin is the device ground reference.
The user must connect the VSS pin to a ground plane
through a low-impedance connection. If an analog
ground path is available in the application PCB (printed
circuit board), it is highly recommended that the VSS pin
be tied to the analog ground path or isolated within an
analog ground plane of the circuit board.
3.6
Latch Pin (LAT)/High-Voltage
Command (HVC)
The LAT pin is used to force the transfer of the DAC
register’s shift register to the DAC output register. This
allows DAC outputs to be updated at the same time.
The update of the VRxB:VRxA, PDxB:PDxA and
Gx bits are also controlled by the LAT pin state.
The pin is compatible with HVC voltage levels that are
used for the nonvolatile MCP48FEBXX devices.
3.7
SPI - Chip Select Pin (CS)
The CS pin enables/disables the serial interface. The
serial interface must be enabled for the SPI commands
to be received by the device.
Refer to Section 6.2, “SPI Serial Interface” for more
details of SPI Serial Interface communication.
3.8
SPI - Serial Data In Pin (SDI)
The SDI pin is the serial data input pin of the SPI
interface. The SDI pin is used to write the DAC
registers and configuration bits.
Refer to Section 6.2, “SPI Serial Interface” for more
details on SPI Serial Interface communication.
3.9
SPI - Serial Data Out Pin (SDO)
The SDO pin is the serial data output pin of the SPI
interface. The SDO pin is used to read the DAC
registers and configuration bits.
Refer to Section 6.2, “SPI Serial Interface” for more
details on SPI Serial Interface communication.
3.10
SPI - Serial Clock Pin (SCK)
The SCK pin is the serial clock pin of the SPI interface.
The MCP48FVBXX SPI Interface only accepts external
serial clocks.
Refer to Section 6.2, “SPI Serial Interface” for more
details on SPI Serial Interface communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com