Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB02 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP48FVB02
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB02 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP48FVB02 Datasheet HTML 53Page - Microchip Technology MCP48FVB02 Datasheet HTML 54Page - Microchip Technology MCP48FVB02 Datasheet HTML 55Page - Microchip Technology MCP48FVB02 Datasheet HTML 56Page - Microchip Technology MCP48FVB02 Datasheet HTML 57Page - Microchip Technology MCP48FVB02 Datasheet HTML 58Page - Microchip Technology MCP48FVB02 Datasheet HTML 59Page - Microchip Technology MCP48FVB02 Datasheet HTML 60Page - Microchip Technology MCP48FVB02 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 57
MCP48FVBXX
7.2
Read Command
The Read command is a 24-bit command and is used
to transfer data from the specified memory location to
the Host controller. The Read command can be issued
to the volatile memory locations. The format of the
command as well as an example SDI and SDO data is
shown in Figure 7-6.
The first 7-bits of the Read command determine the
address and the command. The 8th clock will output
the CMDERR bit on the SDO pin. By means of the
remaining 16 clocks, the device will transmit the data
bits of the specified address (AD4:AD0).
The Read command formats include:
• Single Read
• Continuous Reads
7.2.1
LAT PIN INTERACTION
During a Read command of the DACx Registers, if the
LAT pin transitions from VIH to VIL, then the read data
may be corrupted. This is due to the fact that the data
being read is the output value and not the DAC register
value. The LAT pin transition causes an update of the
output value. Based on the DAC output value, the
DACx register value, and the Command bit where the
LAT pin transitions, the value being read could be
corrupted.
If LAT pin transitions occur during a read of the DACx
register, it is recommended that sequential reads be
performed until the two most recent read values match.
Then the most recent read data is good.
7.2.2
SINGLE READ
The Read command operation requires that the CS pin
be in the active state (VIL). Typically, the CS pin will be
in the inactive state (VIH) and is driven to the active
state (VIL). The 24-bit Read command (Command Byte
and Data Byte) is then clocked in on the SCK and SDI
pins. The SDO pin starts driving data on the 8th bit
(CMDERR bit), and the addressed data comes out on
the 9th through 24th clocks.
FIGURE 7-6:
Read Command - SDI and SDO States.
Note 1:
During device communication, if the
Device Address/Command combination
is invalid or an unimplemented Address is
specified, then the MCP48FVBXX will
command error that byte. To reset the
SPI state machine, the CS pin must be
driven to the VIH state.
2:
If the LAT pin is High (VIH), reads of the
volatile DAC Register address returns
that DAC’s output value, not the internal
register.
3:
Read commands ignore any High Volt-
age Command levels that are present on
the HVC pin.
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
11
C
M
D
E
R
R
X X X X X X X XXXXXXXXX
11111111
1
1
1
1
d
d
d
ddddddddd Valid (1)
1111111
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0Invalid (2, 3)
SDI
SDO
Note 1:
If a valid Address/Command occurs, then the data bits are dependent on the resolution of the device.
12-bit = D11:D00, 10-bit = D09:D00, and 8-bit = D07:D00. Data is right justified for ease of Host Controller
operation (i.e., no data manipulation before transmitting the desired value).
2:
Unimplemented data bits (D15:D12 on 12-bit device, D15:D10 on 10-bit device, D15:D08 on 8-bit device)
will be output as ‘1’.
3:
If an Error condition occurs (CMDERR = L), all following SDO bits will be low until the CMDERR condition
is cleared (the CS pin is forced to the inactive state).
Address
Data bits (8, 10, or 12 bits)
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com