Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB01 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP47FVB01
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB01 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP47FVB01 Datasheet HTML 29Page - Microchip Technology MCP47FVB01 Datasheet HTML 30Page - Microchip Technology MCP47FVB01 Datasheet HTML 31Page - Microchip Technology MCP47FVB01 Datasheet HTML 32Page - Microchip Technology MCP47FVB01 Datasheet HTML 33Page - Microchip Technology MCP47FVB01 Datasheet HTML 34Page - Microchip Technology MCP47FVB01 Datasheet HTML 35Page - Microchip Technology MCP47FVB01 Datasheet HTML 36Page - Microchip Technology MCP47FVB01 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005429B-page 33
MCP48FEBXX
4.2.6
WIPERLOCK TECHNOLOGY
The MCP48FEBXX device’s WiperLock technology
allows application-specific device settings (DAC
register and configuration) to be secured without
requiring the use of an additional write-protect pin.
There are two configuration bits (DLx:CLx) for each
DAC (DAC0 and DAC1).
Dependent on the state of the DLx:CLx configuration
bits, WiperLock technology prevents the serial
commands from the following actions on the DACx
registers and bits:
• Writing to the specified volatile DACx Register
memory location
• Writing to the specified nonvolatile DACx Register
memory location
• Writing to the specified volatile DACx
configuration bits
• Writing to the specified nonvolatile DACx
configuration bits
Each pair of these configuration bits control one of four
modes. These modes are shown in Table 4-3. The
addresses for the configuration bits are shown in
Table 4-1.
To modify the configuration bits, the HVC pin must be
forced to the VIHH state and then receive an enable or
disable command on the desired pair of DAC Register
addresses.
Please refer to Section 7.4 “Enable Configuration
Bit”
and Section 7.5 “Disable Configuration Bit”
commands for operation.
4.2.6.1
POR/BOR Operation with
WiperLock Technology Enabled
The WiperLock Technology state is not affected by a
POR/BOR event. A POR/BOR event will load the
Volatile DAC0 (DAC1) register values with the
Nonvolatile DAC0 (DAC1) register values.
Note:
To modify the CL0 bit, the enable or
disable command specifies address 00h,
while to modify the DL0 bit, the enable or
disable command specifies address 10h.
Note:
During device communication, if the
Device Address/Command combination is
invalid or an unimplemented Address is
specified, then the MCP48FEBXX will
Command Error that Command byte. To
reset the serial interface state machine,
the CS pin must be driven to the inactive
state (VIH) before returning to the active
state (VIL or VIHH).
TABLE 4-3:
WIPERLOCK™ TECHNOLOGY CONFIGURATION BITS - FUNCTIONAL DESCRIPTION
Register / Bits
Comments
DACx
DACx Configuration (2)
Volatile
Nonvolatile
Volatile
Nonvolatile
11
Locked
Locked
Locked
Locked
All DACx registers are locked.
10
Locked
Locked
Unlocked
Locked
All DACx registers are locked except volatile DACx
Configuration registers.
This allows operation of power-down modes.
01
Unlocked
Locked
Unlocked
Locked
Volatile DACx registers unlocked, nonvolatile DACx
registers locked.
00
Unlocked
Unlocked
Unlocked
Unlocked
All DACx registers are unlocked.
Note 1:
The state of these configuration bits (DLx:CLx) are reflected in WLxB:WLxA bits as shown in Register 4-6.
2:
DAC configuration bits include Voltage Reference Control bits (VRxB:VRxA), Power-Down Control bits
(PDxB:PDxA), and Output Gain bits (Gx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com