Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB01 Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP47FVB01
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB01 Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP47FVB01 Datasheet HTML 84Page - Microchip Technology MCP47FVB01 Datasheet HTML 85Page - Microchip Technology MCP47FVB01 Datasheet HTML 86Page - Microchip Technology MCP47FVB01 Datasheet HTML 87Page - Microchip Technology MCP47FVB01 Datasheet HTML 88Page - Microchip Technology MCP47FVB01 Datasheet HTML 89Page - Microchip Technology MCP47FVB01 Datasheet HTML 90Page - Microchip Technology MCP47FVB01 Datasheet HTML 91Page - Microchip Technology MCP47FVB01 Datasheet HTML 92Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005429B-page 89
MCP48FEBXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP48FEB01: Single-Channel 8-Bit NV DAC
with External + Internal References
MCP48FEB02: Dual-Channel 8-Bit NV DAC
with External + Internal References
MCP48FEB11: Single-Channel 10-Bit NV DAC
with External + Internal References
MCP48FEB12: Dual-Channel 10-Bit NV DAC
with External + Internal References
MCP48FEB21: Single-Channel 12-Bit NV DAC
with External + Internal References
MCP48FEB22: Dual-Channel 12-Bit NV DAC
with External + Internal References
Tape and
Reel:
T
=
Tape and Reel(1)
Blank
=
Tube
Temperature
Range:
E
=
-40°C to +125°C (Extended)
Package:
UN =
Plastic Micro Small Outline (MSOP),
10-Lead
Examples:
a) MCP48FEB01-E/UN:
8-bit VOUT resolution, Single
Channel,
Tube,
Extended
Temperature., 10-Lead MSOP
Package
b) MCP48FEB01T-E/UN:
8-bit VOUT resolution, Single
Channel,
Tape
and
Reel,
Extended Temperature,
10-Lead MSOP Package
a) MCP48FEB11-E/UN:
10-bit VOUT resolution, Single
Channel,
Tube,
Extended
Temperature, 10-Lead MSOP
Package
b) MCP48FEB11T-E/UN:
10-bit VOUT resolution, Single
Channel,
Tape
and
Reel,
Extended Temperature,
10-Lead MSOP Package
a) MCP48FEB21-E/UN:
12-bit VOUT resolution, Single
Channel,
Tube,
Extended
Temperature, 10-Lead MSOP
Package
b) MCP48FEB21T-E/UN:
12-bit VOUT resolution, Single
Channel,
Tape
and
Reel,
Extended Temperature,
10-Lead MSOP Package
a) MCP48FEB22-E/UN:
12-bit VOUT resolution, Dual
Channel,
Tube,
Extended
Temperature, 10-Lead MSOP
Package
b) MCP48FEB22T-E/UN:
12-bit VOUT resolution, Dual
Channel,
Tape
and
Reel,
Extended Temperature,
10-Lead MSOP Package
PART NO.
X
Temperature
Range
Device
/XX
Package
X(1)
Tape and
Reel
Note
1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com