Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10201/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD10201/PCB
Description  DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10201/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD10201/PCB Datasheet HTML 7Page - Analog Devices AD10201/PCB Datasheet HTML 8Page - Analog Devices AD10201/PCB Datasheet HTML 9Page - Analog Devices AD10201/PCB Datasheet HTML 10Page - Analog Devices AD10201/PCB Datasheet HTML 11Page - Analog Devices AD10201/PCB Datasheet HTML 12Page - Analog Devices AD10201/PCB Datasheet HTML 13Page - Analog Devices AD10201/PCB Datasheet HTML 14Page - Analog Devices AD10201/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD10201
–11–
Often, the cleanest clock source is a crystal oscillator producing
a pure sine wave. In this configuration, or with any roughly sym-
metrical clock input, the input can be ac-coupled and biased to a
reference voltage that also provides the ENCODE. This ensures
that the reference voltage is centered on the encode signal.
Digital Outputs
The digital outputs are 3.3 V (2.7 V to 3.6 V) TTL/CMOS-
compatible for lower power consumption.
Analog Input
The analog input is a single-ended ac-coupled high performance
1:1 transformer with an input impedance of 50
Ω to 250 MHz.
The nominal full-scale input is 1.75 V p-p.
Special care was taken in the design of the analog input section
of the AD10201 to prevent damage and corruption of data when
the input is overdriven.
Voltage Reference
A stable and accurate 2.5 V voltage reference is designed into the
AD10201 (VREFOUT). An external voltage reference is not required.
Timing
The AD10201 provides latched data outputs, with 10 pipeline
delays. Data outputs are available one propagation delay (tPD) after
the rising edge of the ENCODE command (see Figure 1). The
length of the output data lines and loads placed on them should
be minimized to reduce transients within the AD10201; these
transients can detract from the converter’s dynamic performance.
The minimum guaranteed conversion rate of the AD10201 is
10 MSPS. At internal clock rates below 10 MSPS dynamic perfor-
mance may degrade. Therefore, input clock rates below 10 MHz
should be avoided.
GROUNDING AND DECOUPLING
Analog and Digital Grounding
Proper grounding is essential in any high speed, high resolution
system. Multilayer printed circuit boards (PCBs) are recommended
to provide optimal grounding and power schemes. The use of
ground and power planes offers distinct advantages:
1. The minimization of the loop area encompassed by a signal
and its return path.
2. The minimization of the impedance associated with ground
and power paths.
3. The inherent distributed capacitor formed by the powerplane,
PCB insulation, and ground plane.
These characteristics result in both a reduction of electromagnetic
interference (EMI) and an overall improvement in performance.
It is important to design a layout that prevents noise from coupling
to the input signal. Digital signals should not be run in parallel
with input signal traces and should be routed away from the input
circuitry. The PCB should have a ground plane covering all unused
portions of the component side of the board to provide a low
impedance path and manage the power and ground currents. The
ground plane should be removed from the area near the input
pins to reduce stray capacitance.
APPLICATION NOTES
Theory of Operation
The AD10201 is a high-dynamic-range dual 12-bit, 105 MHz sub-
range pipeline converter that uses switched capacitor architecture.
The analog input section uses AINA2/B2 at 1.75 V p-p with an input
impedance of 50
Ω. The analog input includes an ac-coupled
wideband 1:1 transformer, which provides high dynamic range and
SNR while maintaining VSWR and gain flatness. The ADC includes
a high bandwidth linear track/hold that gives excellent spurious
performance up to and beyond the Nyquist rate. The high bandwidth
track/hold has a low jitter of 0.25 ps rms, leading to excellent SNR
and SFDR performance. AC-coupled differential PECL/ECL
encode inputs are recommended for optimum performance.
USING THE AD10201
ENCODE Input
Any high speed A/D converter is extremely sensitive to the quality
of the sampling clock provided by the user. A track/hold circuit
is essentially a mixer, and any noise, distortion, or timing jitter
on the clock will be combined with the desired signal at the A/D
output. For that reason, considerable care has been taken in the
design of the ENCODE input of the AD10201, and the user is
advised to give commensurate thought to the clock source. The
ENCODE inputs are fully TTL/CMOS compatible. For optimum
performance, the AD10201 must be clocked differentially. Note
that the ENCODE inputs cannot be driven directly from PECL
level signals (VIHD is 3.5 V max). PECL level signals can easily
be accommodated by ac-coupling as shown in Figure 2. Good
performance is obtained using an MC10EL16 in the circuit to
drive the encode inputs.
GND
510
510
0.1 F
0.1 F
PECL
GATE
ENCODE
ENCODE
AD10201
Figure 2. AC-Coupling to ENCODE Inputs
ENCODE Voltage Level Definition
The voltage level definitions for driving ENCODE and
ENCODE
in differential mode are shown in Figure 3 and Table II.
ENCODE
ENCODE
VID
VIHD
VILD
VICM
Figure 3. Differential Input Levels
Table II. ENCODE Inputs
Description
Min
Nom
Max
Differential Signal
Amplitude (VID)
500 mV
750 mV
Differential Signal
Amplitude (VID)5 V
Low Differential Input
Voltage (VILD)0 V
Common-Mode
Input (VICN)
1.25 V
1.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com