Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10201/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD10201/PCB
Description  DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10201/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD10201/PCB Datasheet HTML 12Page - Analog Devices AD10201/PCB Datasheet HTML 13Page - Analog Devices AD10201/PCB Datasheet HTML 14Page - Analog Devices AD10201/PCB Datasheet HTML 15Page - Analog Devices AD10201/PCB Datasheet HTML 16Page - Analog Devices AD10201/PCB Datasheet HTML 17Page - Analog Devices AD10201/PCB Datasheet HTML 18Page - Analog Devices AD10201/PCB Datasheet HTML 19Page - Analog Devices AD10201/PCB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD10201
–17–
+5V
AA
+
C3
E39
+
J7
+
E4
JP1
E49
J3
J10
J11
E9
E70
E73
E42
E44
E10
E66
E84
E45
E79
E38
+
E23
GNDTIE
E24
E22
L2
C12
+
C30
C16
E25
+
C29
+
E7
E6
E47
+
+5VAB
E3
ENCA
J5
E50
U1
J12
ENCA
E76
E81
E72
E67
E36
E1
E29
E19
C31
L1
E26
E12
GS03983 REV: A
AD10201/ AD10206
EVALUATION BOARD
GNDTIE
GNDTIE
E11
AGNDA
C11
A
IN
A2
J4
A
IN
A1
A
IN
B1
A
IN
B2
J6
ENCB
L4
E69
E74
E43
E41
E65
E83
E46
ENCB
E80
E35
E37
E34 DGNDA
LATCHA
BUFLATA
E78
LATCHB
+3.3VDA
J1
GNDTIE
L3
E8
E5
REF_A
JP2
C19
C4
AGNDB
E75
E71
E68
E82
E2
E30
E77
BUFLATB
C32
E33 DGNDB
+3.3VDB
J2
REF_B
Figure 6a. Mechanical Layout Top View
GNDTIE
U16
C5
R66
R65
U10
C10
U9
C8
C28
U14
C36
C37
U15
C1
C22
R60
GNDTIE
C9
R8
C26
C25
U3
U2
C23
C34
R1
U17
R72
C6
R4
R3
GNDTIE
R39
R42
+5V
JP3
C21
C18
C24
C27
U11
GNDTIE
R71
C15
C14
U4
R7
C17
C7
C33
C20
JP8
R38
R61
Figure 6b. Mechanical Layout Bottom View
Figure 6c. Top View
Figure 6d. Layer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com