Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC62CB Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC62CB
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC62CB Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC62CB Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC62CB
102
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2. LOW Profile (2.5mm max. height x 6.3mm square)
3. Low DC resistance makes this product very suitable for large current applications
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC62CB-1R0
1.0
100KHZ
16m
3.48
5.00
SC62CB-1R5
1.5
100KHZ
18m
2.83
4.00
SC62CB-2R0
2.0
100KHZ
21m
2.44
3.40
SC62CB-3R3
3.3
100KHZ
30m
1.89
3.23
SC62CB-4R3
4.3
100KHZ
39m
1.65
3.00
SC62CB-6R2
6.2
100KHZ
60m
1.37
2.38
SC62CB-100
10
100KHZ
80m
1.07
1.82
SC62CB-120
12
100KHZ
94m
0.97
1.63
SC62CB-150
15
100KHZ
120m
0.87
1.46
SC62CB-180
18
100KHZ
140m
0.79
1.31
SC62CB-220
22
100KHZ
188m
0.71
1.17
SC62CB-270
27
100KHZ
212m
0.64
1.05
SC62CB-330
33
100KHZ
244m
0.58
0.94
SC62CB-390
39
100KHZ
306m
0.53
0.84
SC62CB-470
47
100KHZ
390m
0.48
0.76
SC62CB-560
56
100KHZ
432m
0.44
0.68
SC62CB-680
68
100KHZ
588m
0.40
0.65
SC62CB-820
82
100KHZ
670m
0.36
0.61
SC62CB-101
100
100KHZ
813m
0.33
0.58
(1). Inductance tolerance for 1.0uH~6.2uH:
±30%, for 10uH~100uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 30% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
10
100
1000
100
1000
10000
10
BC62CB I nduct ance decrease by current
100000
DC current (mA)
1
0. 1
1R0
150
101
BC62CB Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000
3000
7000
5000
8000
0
9000 10000
101
150
1R0
SC62CB Inductance decrease by current
DC current (mA)
DC current (mA)
SC62CB Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC62CB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC620 SEMTECH-SC620 Datasheet
357Kb / 16P
Octal LED Driver, General Purpose Current Sink with Serial Interface
SC620 SEMTECH-SC620 Datasheet
247Kb / 18P
Octal LED Driver, General Purpose Current Sink with Serial Interface
SC620 SEMTECH-SC620 Datasheet
252Kb / 18P
Octal LED Driver,General Purpose Current Sink With Serial Interface
logo
Infinite Electronics In...
SC6202 FAIRVIEW-SC6202 Datasheet
494Kb / 3P
BNC Female Connector Pin Terminal Solder Attachment Press-In
REV 2.0
logo
SHENZHEN FUMAN ELECTRON...
SC6202B FUMAN-SC6202B Datasheet
111Kb / 2P
LED driver IC
More results

Similar Description - SC62CB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com