Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC438MS8GTR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC438MS8GTR
Description  SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC438MS8GTR Datasheet(HTML) 3 Page - Analog Devices

  HMC438MS8GTR Datasheet HTML 1Page - Analog Devices HMC438MS8GTR Datasheet HTML 2Page - Analog Devices HMC438MS8GTR Datasheet HTML 3Page - Analog Devices HMC438MS8GTR Datasheet HTML 4Page - Analog Devices HMC438MS8GTR Datasheet HTML 5Page - Analog Devices HMC438MS8GTR Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
4
4 - 3
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
Vcc (V)
Icc (mA)
4.75
75
5.0
80
5.25
87
DC blocking capacitors are required at RF input and RF output ports.
Choose value for lowest frequency of operation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
-300
-200
-100
0
100
200
300
400
22.5
23
23.5
24
24.5
25
25.5
TIME (ns)
HMC438MS8G / 438MS8GE
SMT GaAs HBT MMIC
DIVIDE-BY-5, DC - 7 GHz
v07.1019
Absolute Maximum Ratings
Reliability Information
RF Input Power (Vcc = +5V)
13 dBm
Nominal +5V Supply to GND
-0.3V to +5.5V
Max Peak Flow Temperature
260 °C
Storage Temperature
-65 to +125 °C
ESD Sensitivity (HBM)
Class 1A
Junction Temperature to Maintain
1 Million Hour MTTF
135 °C
Nominal Junction Temperature
(T = 85 °C)
122 °C
Thermal Resistance
(Junction to GND Paddle, 5V Supply)
88.5 °C/W
Operating Temperature
-40 to +85 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com