Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC438MS8GTR Datasheet(PDF) 2 Page - Analog Devices

Part # HMC438MS8GTR
Description  SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC438MS8GTR Datasheet(HTML) 2 Page - Analog Devices

  HMC438MS8GTR Datasheet HTML 1Page - Analog Devices HMC438MS8GTR Datasheet HTML 2Page - Analog Devices HMC438MS8GTR Datasheet HTML 3Page - Analog Devices HMC438MS8GTR Datasheet HTML 4Page - Analog Devices HMC438MS8GTR Datasheet HTML 5Page - Analog Devices HMC438MS8GTR Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4
4
4 - 2
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
-20
-15
-10
-5
0
5
10
15
20
01
23
456
7
89
INPUT FREQUENCY (GHz)
SSB Phase Noise Performance,
Pin= 0 dBm, Fin= 6GHz, T= 25 °C
Input Sensitivity Window, T= 25 °C
Input Sensitivity Window vs. Temperature
Output Power vs. Temperature
Recommended
Operating Window
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Harmonic
Content, Pin= 0 dBm, T= 25 °C
-20
-15
-10
-5
0
5
10
15
20
01
23
456
7
89
Min Pin +25 C
Max Pin +25 C
Min Pin +85 C
Max Pin +85 C
Min Pin -40 C
Max Pin -40 C
INPUT FREQUENCY (GHz)
-180
-150
-120
-90
-60
-30
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
0
01
23
456
7
89
Both Output Ports Terminated
One Output Port Terminated
INPUT FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
01
23
456
7
89
Pfeedthru
2nd Harm
3rd Harm
INPUT FREQUENCY (GHz)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
01
23
456
7
89
+25 C
+85 C
-40 C
INPUT FREQUENCY (GHz)
HMC438MS8G / 438MS8GE
SMT GaAs HBT MMIC
DIVIDE-BY-5, DC - 7 GHz
v07.1019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com