Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3161JR Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3161JR
Description  4-Bit Programmable 2-Phase Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3161JR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3161JR Datasheet HTML 3Page - Analog Devices ADP3161JR Datasheet HTML 4Page - Analog Devices ADP3161JR Datasheet HTML 5Page - Analog Devices ADP3161JR Datasheet HTML 6Page - Analog Devices ADP3161JR Datasheet HTML 7Page - Analog Devices ADP3161JR Datasheet HTML 8Page - Analog Devices ADP3161JR Datasheet HTML 9Page - Analog Devices ADP3161JR Datasheet HTML 10Page - Analog Devices ADP3161JR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
–7–
REV. 0
ADP3161
CT Selection—Choosing the Clock Frequency
The ADP3161 uses a fixed-frequency control architecture. The
frequency is set by an external timing capacitor, CT. The value of
CT for a given clock frequency can be selected using the graph in
TPC 2.
The clock frequency determines the switching frequency, which
relates directly to switching losses and the sizes of the inductors
and input and output capacitors. A clock frequency of 400 kHz
sets the switching frequency of each phase, fSW, to 200 kHz,
which represents a practical trade-off between the switching
losses and the sizes of the output filter components. From
TPC 2, for 400 kHz the required timing capacitor value is 150 pF.
For good frequency stability and initial accuracy, it is recom-
mended to use a capacitor with low temperature coefficient and
tight tolerance, e.g., an MLC capacitor with NPO dielectric and
with 5% or less tolerance.
Inductance Selection
The choice of inductance determines the ripple current in the
inductor. Less inductance leads to more ripple current, which
increases the output ripple voltage and the conduction losses in
the MOSFETs, but allows using smaller-size inductors and, for
a specified peak-to-peak transient deviation, output capacitors
with less total capacitance. Conversely, a higher inductance means
lower ripple current and reduced conduction losses, but requires
larger-size inductors and more output capacitance for the same
peak-to-peak transient deviation. In a two-phase converter a practi-
cal value for the peak-to-peak inductor ripple current is under
50% of the dc current in the same inductor. A choice of 46%
for this particular design example yields a total peak-to-peak output
ripple current of 23% of the total dc output current. The follow-
ing equation shows the relationship between the inductance,
oscillator frequency, peak-to-peak ripple current in an inductor
and input and output voltages.
L
VV
V
Vf
I
IN
AVG
AVG
IN
SW
L RIPPLE
=
×
××
(–
)
()
(1)
For 6 A peak-to-peak ripple current, which corresponds to
just under 50% of the 13 A full-load dc current in an induc-
tor, Equation 1 yields an inductance of
L
VV
V
V
kHz
A
nH
=
×
××
=
(– .
)
.
/
5
1 780
1 780
5
400
2
6
955
A 1
µH inductor can be used, which gives a calculated ripple
current of 5.7 A at no load. The inductor should not saturate at
the peak current of 18.7 A and should be able to handle the sum
of the power dissipation caused by the average current of 15 A
in the winding and the core loss.
The output ripple current is smaller than the inductor ripple
current due to the two phases partially canceling. This can be
calculated as follows:
I
VV
V
VL
f
VV
V
V
H
kHz
A
O
AVG
IN
AVG
IN
OSC
∆ =
××
××
=
××
×
×µ ×
=
22
2 1 780
5
2 1 780
5
1
400
26
(–
)
.(
–
.
)
.
(2)
Designing an Inductor
Once the inductance is known, the next step is either to design an
inductor or find a standard inductor that comes as close as
possible to meeting the overall design goals. The first decision
in designing the inductor is to choose the core material. There
are several possibilities for providing low core loss at high frequen-
cies. Two examples are the powder cores (e.g., Kool-M
µ® from
Magnetics) and the gapped soft ferrite cores (e.g., 3F3 or 3F4
from Philips). Low frequency powdered iron cores should be
avoided due to their high core loss, especially when the inductor
value is relatively low and the ripple current is high.
Two main core types can be used in this application. Open mag-
netic loop types, such as beads, beads on leads, and rods and
slugs, provide lower cost but do not have a focused magnetic
field in the core. The radiated EMI from the distributed magnetic
field may create problems with noise interference in the circuitry
surrounding the inductor. Closed-loop types, such as pot cores,
PQ, U, and E cores, or toroids, cost more, but have much better
EMI/RFI performance. A good compromise between price and
performance are cores with a toroidal shape.
There are many useful references for quickly designing a power
inductor. Table II gives some examples.
Table II. Magnetics Design References
Magnetic Designer Software
Intusoft (http://www.intusoft.com)
Designing Magnetic Components for High-Frequency DC-DC
Converters
McLyman, Kg Magnetics
ISBN 1-883107-00-08
Selecting a Standard Inductor
The companies listed in Table III can provide design consul-
tation and deliver power inductors optimized for high power
applications upon request.
Table III. Power Inductor Manufacturers
Coilcraft
(847) 639-6400
http://www.coilcraft.com
Coiltronics
(561) 752-5000
http://www.coiltronics.com
Sumida Electric Company
(408) 982-9660
http://www.sumida.com
COUT Selection—Determining the ESR
The required equivalent series resistance (ESR) and capacitance
drive the selection of the type and quantity of the output capaci-
tors. The ESR must be small enough to contain the voltage
deviation caused by a maximum allowable CPU transient cur-
rent within the specified voltage limits, giving consideration also
to the output ripple and the regulation tolerance. The capaci-
tance must be large enough that the voltage across the capacitor,
which is the sum of the resistive and capacitive voltage deviations,
does not deviate beyond the initial resistive deviation while the
inductor current ramps up or down to the value corresponding
to the new load current. The maximum allowed ESR also repre-
sents the maximum allowed output resistance, ROUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com