Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3161JR Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3161JR
Description  4-Bit Programmable 2-Phase Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3161JR Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3161JR Datasheet HTML 4Page - Analog Devices ADP3161JR Datasheet HTML 5Page - Analog Devices ADP3161JR Datasheet HTML 6Page - Analog Devices ADP3161JR Datasheet HTML 7Page - Analog Devices ADP3161JR Datasheet HTML 8Page - Analog Devices ADP3161JR Datasheet HTML 9Page - Analog Devices ADP3161JR Datasheet HTML 10Page - Analog Devices ADP3161JR Datasheet HTML 11Page - Analog Devices ADP3161JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
–11–
REV. 0
ADP3161
LAYOUT AND COMPONENT PLACEMENT GUIDELINES
The following guidelines are recommended for optimal perfor-
mance of a switching regulator in a PC system.
General Recommendations
1. For good results, at least a four-layer PCB is recommended.
This should allow the needed versatility for control circuitry
interconnections with optimal placement, a signal ground
plane, power planes for both power ground and the input
power (e.g., 5 V), and wide interconnection traces in the
rest of the power delivery current paths. Keep in mind that
each square unit of 1 ounce copper trace has a resistance of
~ 0.53 m
Ω at room temperature.
2. Whenever high currents must be routed between PCB layers,
vias should be used liberally to create several parallel current
paths so that the resistance and inductance introduced by
these current paths is minimized and the via current rating is
not exceeded.
3. If critical signal lines (including the voltage and current
sense lines of the ADP3161) must cross through power
circuitry, it is best if a signal ground plane can be inter-
posed between those signal lines and the traces of the power
circuitry. This serves as a shield to minimize noise injection
into the signals at the expense of making signal ground a
bit noisier.
4. The power ground plane should not extend under signal com-
ponents, including the ADP3161 itself. If necessary, follow
the preceding guideline to use the signal ground plane as a
shield between the power ground plane and the signal circuitry.
5. The GND pin of the ADP3161 should be connected first to
the timing capacitor (on the CT pin), and then into the
signal ground plane. In cases where no signal ground plane
can be used, short interconnections to other signal ground
circuitry in the power converter should be used.
6. The output capacitors of the power converter should be con-
nected to the signal ground plane even though power current
flows in the ground of these capacitors. For this reason, it is
advised to avoid critical ground connections (e.g., the signal
circuitry of the power converter) in the signal ground plane
between the input and output capacitors. It is also advised to
keep the planar interconnection path short (i.e., have input
and output capacitors close together).
7. The output capacitors should also be connected as closely as
possible to the load (or connector) that receives the power
(e.g., a microprocessor core). If the load is distributed, the
capacitors should also be distributed, and generally in pro-
portion to where the load tends to be more dynamic.
8. Absolutely avoid crossing any signal lines over the switching
power path loop, described below.
Power Circuitry
9. The switching power path should be routed on the PCB to
encompass the smallest possible area in order to minimize
radiated switching noise energy (i.e., EMI). Failure to take
proper precautions often results in EMI problems for the
entire PC system as well as noise-related operational problems
in the power converter control circuitry. The switching power
path is the loop formed by the current path through the input
capacitors, the power MOSFETs, and the power Schottky
diode, if used (see next), including all interconnecting PCB
traces and planes. The use of short and wide interconnection
traces is especially critical in this path for two reasons: it
minimizes the inductance in the switching loop, which can
cause high-energy ringing, and it accommodates the high
current demand with minimal voltage loss.
10. An optional power Schottky diode (3 A–5 A dc rating) from
each lower MOSFET’s source (anode) to drain (cathode) will
help to minimize switching power dissipation in the upper
MOSFETs. In the absence of an effective Schottky diode,
this dissipation occurs through the following sequence of
switching events. The lower MOSFET turns off in advance
of the upper MOSFET turning on (necessary to prevent
cross-conduction). The circulating current in the power
converter, no longer finding a path for current through the
channel of the lower MOSFET, draws current through the
inherent body diode of the MOSFET. The upper MOSFET
turns on, and the reverse recovery characteristic of the lower
MOSFET’s body diode prevents the drain voltage from being
pulled high quickly. The upper MOSFET then conducts
very large current while it momentarily has a high voltage
forced across it, which translates into added power dissipa-
tion in the upper MOSFET. The Schottky diode minimizes
this problem by carrying a majority of the circulating current
when the lower MOSFET is turned off, and by virtue of its
essentially nonexistent reverse recovery time. The Schottky
diode has to be connected with very short copper traces to
the MOSFET to be effective.
11. A small ferrite bead inductor placed in series with the drain
of the lower MOSFET can also help to reduce this previously
described source of switching power loss.
12. Whenever a power dissipating component (e.g., a power
MOSFET) is soldered to a PCB, the liberal use of vias, both
directly on the mounting pad and immediately surrounding
it, is recommended. Two important reasons for this are:
improved current rating through the vias, and improved
thermal performance from vias extended to the opposite side
of the PCB where a plane can more readily transfer the heat
to the air.
13. The output power path, though not as critical as the switch-
ing power path, should also be routed to encompass a small
area. The output power path is formed by the current path
through the inductor, the current sensing resistor, the out-
put capacitors, and back to the input capacitors.
14. For best EMI containment, the power ground plane should
extend fully under all the power components except the output
capacitors. These components are: the input capacitors, the
power MOSFETs and Schottky diodes, the inductors, the
current sense resistor, and any snubbing element that might
be added to dampen ringing. Avoid extending the power
ground under any other circuitry or signal lines, including
the voltage and current sense lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com