Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3S06504II Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SC3S06504II
Description  Silicon Carbide Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06504II Datasheet(HTML) 1 Page - Rectron Semiconductor

  SC3S06504II Datasheet HTML 1Page - Rectron Semiconductor SC3S06504II Datasheet HTML 2Page - Rectron Semiconductor SC3S06504II Datasheet HTML 3Page - Rectron Semiconductor SC3S06504II Datasheet HTML 4Page - Rectron Semiconductor SC3S06504II Datasheet HTML 5Page - Rectron Semiconductor SC3S06504II Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Isolated
Silicon Carbide Schottky Barrier Diode
Features
z
650-Volt Schottky Rectifier
z
Zero Reverse Recovery Current
z
Zero Forward Recovery Voltage
z
High-Frequency Operation
z
Temperature-Independent Switching Behavior
z
Extremely Fast Switching
z
Positive Temperature Coefficient on VF
Benefits
z
Replace Bipolar with Unipolar Rectifiers
z
Essentially No Switching Losses
z
Higher Efficiency
z
Reduction of Heat Sink Requirements
z
Parallel Devices Without Thermal Runaway
Applications
z
Switch Mode Power Supplies
z
Power Factor Correction
z
Motor Drives
Package
Part Number
Package
Marking
SC3S06504II
TO-220-2
06504
Maximum Ratings (TC=25
unless otherwise specified)
Symbol
Parameter
Value
Unit
Test Conditions
VRRM
Repetitive Peak Reverse Voltage
650
V
VRSM
Surge Peak Reverse Voltage
650
V
VDC
DC Blocking Voltage
650
V
IF
Continuous Forward Current
14
5.5
4
A
TC=25
TC=135
TC=150
IFRM
Repetitive Peak Forward Surge
Current
18.5
10
A
TC=25
,tP=10ms,Half Sine Wave
TC=110
,tP=10ms,Half Sine Wave
Ptot
Power Dissipation
51.5
22
W
TC=25
TC=110
dV/dt
Diode dV/dt ruggedness
200
V/ns
VR=0-650V
TJ,Tstg
Operating Junction and Storage
Temperature
-55 to
+175
2019-06/X
SC3S06504II
REV:A
1
2
3
3 - NC


Similar Part No. - SC3S06504II

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SC3S06504A RECTRON-SC3S06504A Datasheet
314Kb / 5P
650V4A Silicon Carbide Power Schottky Barrier Diode
SC3S06504C RECTRON-SC3S06504C Datasheet
701Kb / 5P
650/4A silicon Carbide Power Schottky Barrier Diode
More results

Similar Description - SC3S06504II

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PCDB0465G1 PANJIT-PCDB0465G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 3,2021 PCDB0465G1-REV.00
PCDE1065G1 PANJIT-PCDE1065G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 7,2021 PCDE1065G1-REV.00
PCDC0465G1 PANJIT-PCDC0465G1 Datasheet
297Kb / 5P
Silicon Carbide Schottky Barrier Diode
December 03,2021 PCDC0465G1-REV.00
PCDC08120G1 PANJIT-PCDC08120G1 Datasheet
298Kb / 5P
Silicon Carbide Schottky Barrier Diode
December 03,2021 PCDC08120G1-REV.00
PCDD05120G1 PANJIT-PCDD05120G1 Datasheet
295Kb / 5P
Silicon Carbide Schottky Barrier Diode
September 15,2021 PCDD05120G1-REV.00
PCDD1065G1 PANJIT-PCDD1065G1 Datasheet
296Kb / 5P
Silicon Carbide Schottky Barrier Diode
September 15,2021 PCDD1065G1-REV.00
PCDH40120CCG1 PANJIT-PCDH40120CCG1 Datasheet
337Kb / 5P
Silicon Carbide Schottky Barrier Diode
February 22,2022 PCDH40120CCG1-REV.00
PCDP08120G1 PANJIT-PCDP08120G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
November 9,2020 PCDP08120G1-REV.00
PCDP20120G1 PANJIT-PCDP20120G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
November 9,2020 PCDP20120G1-REV.00
PCDH2065CCG1-AU PANJIT-PCDH2065CCG1-AU Datasheet
428Kb / 5P
Silicon Carbide Schottky Barrier Diode
March 9,2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com