Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3S06504II Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SC3S06504II
Description  Silicon Carbide Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06504II Datasheet(HTML) 2 Page - Rectron Semiconductor

  SC3S06504II Datasheet HTML 1Page - Rectron Semiconductor SC3S06504II Datasheet HTML 2Page - Rectron Semiconductor SC3S06504II Datasheet HTML 3Page - Rectron Semiconductor SC3S06504II Datasheet HTML 4Page - Rectron Semiconductor SC3S06504II Datasheet HTML 5Page - Rectron Semiconductor SC3S06504II Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Typ.
Unit
RƟJC
Thermal Resistance from Junction to Case
2.9
/W
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Condition
VF
Forward Voltage
1.5
2.0
1.8
2.4
V
IF=4A, TJ=25
IF=4A, TJ=175
IR
Reverse Current
5
25
10
100
μA
VR=650V, TJ=25
VR=650V, TJ=175
QC
Total Capacitive Charge
10
nC
VR=400V, IF=4A, di/dt=500A/μs, TJ=25
C
Total Capacitance
250
18.5
13
pF
VR=0V, TJ=25
,f=1MHz
VR=200V, TJ=25
,f=1MHz
VR=400V, TJ=25
,f=1MHz
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
RATING AND CHARACTERISTICS CURVES (SC3S06504II)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com