Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # P0102AL
Description  0.25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102AL Datasheet(HTML) 1 Page - STMicroelectronics

  P0102AL Datasheet HTML 1Page - STMicroelectronics P0102AL Datasheet HTML 2Page - STMicroelectronics P0102AL Datasheet HTML 3Page - STMicroelectronics P0102AL Datasheet HTML 4Page - STMicroelectronics P0102AL Datasheet HTML 5Page - STMicroelectronics P0102AL Datasheet HTML 6Page - STMicroelectronics P0102AL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Features
DESCRIPTION
Thanks to highly sensitive triggering levels, the
P01xxxL SCR series is suitable for all applications
where the available gate current is limited such as
stand-by mode power supplies, smoke and alarm
detectors...
Available in SOT23-3L, it provides optimized
space saving on high density printed circuit
boards.
Symbol
Value
Unit
IT(RMS)
0.25
A
VDRM/VRRM
100 and 200
V
IGT
1 and 200
µA
P01xxxL
0.25A SCRS
REV. 4
April 2005
SENSITIVE
Table 2: Order Codes
Part Numbers
Marking
P0102AL 5AA4
P2A
P0102BL 5AA4
P2B
P0109AL 5AA4
P9A
A
K
G
A
K
G
SOT23-3L
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (180° conduction angle)
Tamb = 36°C
0.25
A
IT(AV)
Average on-state current (180° conduction angle)
Tamb = 36°C
0.16
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
7
A
tp = 10 ms
6
I²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
0.18
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
0.5
A
PG(AV)
Average gate power dissipation
Tj = 125°C
0.02
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C


Similar Part No. - P0102AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102AL-5AA4 STMICROELECTRONICS-P0102AL-5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0102AL5AA4 STMICROELECTRONICS-P0102AL5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
More results

Similar Description - P0102AL

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
STMicroelectronics
P0102BL STMICROELECTRONICS-P0102BL Datasheet
83Kb / 5P
0.25A SCRs
Sep-2000
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com