Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102AL Datasheet(PDF) 4 Page - STMicroelectronics

Part # P0102AL
Description  0.25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102AL Datasheet(HTML) 4 Page - STMicroelectronics

  P0102AL Datasheet HTML 1Page - STMicroelectronics P0102AL Datasheet HTML 2Page - STMicroelectronics P0102AL Datasheet HTML 3Page - STMicroelectronics P0102AL Datasheet HTML 4Page - STMicroelectronics P0102AL Datasheet HTML 5Page - STMicroelectronics P0102AL Datasheet HTML 6Page - STMicroelectronics P0102AL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P01xxxL
4/7
Figure 12: Ordering Information Scheme
Figure 9: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10ms,
and corresponding value of I²t
Figure 10: On-state characteristics (maximum
values)
Figure 11: Thermal resistance junction to
ambient versus copper surface under tab
(Epoxy printed circuit board FR4, copper
thickness: 35 mm)
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1E-2
1E-1
1E+0
1E+1
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =1.0V
R=1
T max.:
j
t0
d
Ω
0
10203040
506070
8090
100
0
100
200
300
400
500
S(cm²)
R
(°C/W)
th(j-a)
P 01 02 A L
5AA4
Blank
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
01 = 0.25A
02 = 200µA
09 = 1µA
A = 100V
B = 200V
L = SOT23-3L
5AA4 = Tape & Reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com