Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47DR Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 47DR
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DR Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  47DR Datasheet HTML 1Page - M-System Co.,Ltd. 47DR Datasheet HTML 2Page - M-System Co.,Ltd. 47DR Datasheet HTML 3Page - M-System Co.,Ltd. 47DR Datasheet HTML 4Page - M-System Co.,Ltd. 47DR Datasheet HTML 5Page - M-System Co.,Ltd. 47DR Datasheet HTML 6Page - M-System Co.,Ltd. 47DR Datasheet HTML 7Page - M-System Co.,Ltd. 47DR Datasheet HTML 8Page - M-System Co.,Ltd. 47DR Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MODEL: 47DR
47DR SPECIFICATIONS
ES-9509 Rev.12 Page 4/12
http://www.m-system.co.jp/
Leakage current: ≤ 500 μA
Signal ID and Details
DATA (Do 11...Do 68): BCD output data in 6 digits
Do 1x = LSD ... Do 6x = 6th LSD
POL: BCD Polarity
ON = (–), OFF = (+)
OVF: BCD Overflow/underflow
Output given at overflow or underflow
DAV: Data Valid
ON = valid, OFF = invalid
RUN: Run
Means the meter is functioning.
ON = Measuring or testing mode
OFF = Error except overflow/underflow
No DAV or DATA output is given when
RUN signal is not provided.
• Alarm Output Signals: NPN open collector
Max. load voltage: 24 V DC
Max. load current: 50 mA
Saturation voltage: ≤ 1.1 V
Leakage current: ≤ 500 μA
Signal ID and Details
HH: HH alarm trip output
H: H alarm trip output
PASS: PASS zone output
L: L alarm trip output
LL: LL alarm trip output
INSTALLATION
Power consumption
•AC: Max. 12 VA
•DC: 3.5 W max.
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of max. span
Accuracy
Display: ±0.5°C ±1 digit (±0.9°F ±1 digit)
Output: ±0.1% (DC output = display + output)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input resolution: Max. 19 bits
Output resolution: Max. 14 bits
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
≤ 0.5 sec. (DC output: 0 – 90 %)
Burnout response: ≤ 5 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input or excitation supply to DC output to HH output or H
output to L output or LL output to network or BCD output or
event trigger input to power to ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com