Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47DR Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # 47DR
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DR Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button 47DR Datasheet HTML 4Page - M-System Co.,Ltd. 47DR Datasheet HTML 5Page - M-System Co.,Ltd. 47DR Datasheet HTML 6Page - M-System Co.,Ltd. 47DR Datasheet HTML 7Page - M-System Co.,Ltd. 47DR Datasheet HTML 8Page - M-System Co.,Ltd. 47DR Datasheet HTML 9Page - M-System Co.,Ltd. 47DR Datasheet HTML 10Page - M-System Co.,Ltd. 47DR Datasheet HTML 11Page - M-System Co.,Ltd. 47DR Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MODEL: 47DR
47DR SPECIFICATIONS
ES-9509 Rev.12 Page 11/12
http://www.m-system.co.jp/
BCD OUTPUT TIMING CHART
Request signals (REQ, MAX_REQ, MIN_REQ) from an external
device (e.g. PLC) are required in order to read out BCD data.
All signals in the following charts are in the negative logic
(ON at LOW signal, as factory set).
• Timing Chart for Single Sampling Cycle Data Output
• Output is provided via open collector, enabling wired-OR gate configuration
When one of REQ signals (REQ, MAX_REQ or MIN_REQ) is given and
its width is between 20 and 50 ms, DATA is established and DAV output
is given in approx. 30 ms from the falling edge of the REQ signal.
Read in the data to a PLC at the timing of the DAV output signal.
DAV is turned off in 40 ms. DATA is turned off in 16 ms after that.
When DATA output logic is negative, wired-OR connection is available
for BCD data, POL, OVF, HH, H, P, L and LL signals.
Measured data is output every 64 ms while one of REQ signals (REQ,
MAX_REQ or MIN_REQ) remains ON. For Event trigger modes, the data
value is the same as the display.
• Timing Chart for Continuous Data Output
30 ms
approx.
47Dx
1
PLC
47Dx
2
47Dx
3
30 ms
approx.
40 ms
40 ms
64 ms
*2
*2. Wait for at least 20 ms between DAV turning off and the next REQ signal.
*2
*2
64 ms
24 ms
40 ms
24 ms
16 ms
all data H
all data H
data
all data H
data
data
20 ms or wider (max. 50 ms)
1
2
3
REQ
DAV
REQ 1
REQ 2
REQ 3
DATA
DAV
MAX_REQ
MIN_REQ
REQ
MAX_REQ
MIN_REQ
DATA
DAV
Hi
Lo
Hi
Lo
Hi
Lo
* 1
*1
DATA
*1
*1. DATA includes BCD Output, POL, OVF, HH, H, P, L, LL and RUN.
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
REQ 1
REQ 2
REQ 3
VIEWING ANGLE
The display is designed to provide the optimal legibility
when viewed from the angles as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com