Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109BL5AA4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # P0109BL5AA4
Description  0.25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109BL5AA4 Datasheet(HTML) 2 Page - STMicroelectronics

  P0109BL5AA4 Datasheet HTML 1Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 2Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 3Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 4Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 5Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 6Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P01xxxL
2/7
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Thermal resistance
Symbol
Test Conditions
P0102xL
P0109AL
Unit
IGT
VD = 12 V
RL = 140 Ω
MAX.
200
1
µA
VGT
MAX.
0.8
V
VGD
VD = VDRM RL = 3.3 kΩ RGK = 1 kΩ
Tj = 125°C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8
V
IH
IT = 50 mA
RGK = 1 kΩ
MAX.
6
mA
IL
IG = 1 mA
RGK = 1 kΩ
MAX.
7
mA
dV/dt
VD = 67 % VDRM RGK = 1 kΩ
Tj = 125°C
MIN.
200
100
V/µs
VTM
ITM = 0.4 A tp = 380 µs
Tj = 25°C
MAX.
1.7
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
1.0
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
1000
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
1
µA
Tj = 125°C
100
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (mounted on FR4 with recommended pad layout)
400
°C/W
Figure 1: Maximum average power dissipation
versus average on-state current
Figure 2: Average and D.C. on-state current
versus case temperature
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
P(W)
I
(A)
T(AV)
α = 180°
360°
α
0
25
50
75
100
125
0.00
0.05
0.10
0.15
0.20
0.25
0.30
I
(A)
T(AV)
T
(°C)
case
α = 180°
D.C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com