Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109BL5AA4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # P0109BL5AA4
Description  0.25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109BL5AA4 Datasheet(HTML) 5 Page - STMicroelectronics

  P0109BL5AA4 Datasheet HTML 1Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 2Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 3Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 4Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 5Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 6Page - STMicroelectronics P0109BL5AA4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P01xxxL
5/7
Table 6: Product Selector
Figure 13: SOT23-3L Package Mechanical Data
Figure 14: Foot Print Dimensions (in millimeters)
Part Number
Voltage
Sensitivity
Package
P0102AL 5AA4
100 V
200 µA
SOT23-3L
P0102BL 5AA4
200 V
200 µA
P0109AL 5AA4
100 V
1 µA
A1
A
L
H
B
E
D
e
e1
S
c
0.95
0.61
1.26
3.25
0.73
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.6
0.047
0.063
H
2.1
2.75
0.083
0.108
L
0.6 typ.
0.024 typ.
S
0.35
0.65
0.014
0.026



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com