Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19WSC8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19WSC8
Description  Smartcard MCU With 8 Kbytes EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WSC8 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19WSC8 Datasheet HTML 1Page - STMicroelectronics ST19WSC8 Datasheet HTML 2Page - STMicroelectronics ST19WSC8 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
May 2004
For further information contact your local ST sales office.
ST19WSC8
Smartcard MCU
With 8 Kbytes EEPROM
3
PRODUCT FEATURES
I
ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
I
64 KBYTES USER ROM WITH
PARTITIONING
I
2 KBYTES USER RAM WITH
PARTITIONING
I
8 KBYTES USER EEPROM WITH
PARTITIONING plus 128 BYTES USER and
ST OTP AREA:
–
Highly reliable CMOS EEPROM
submicron technology
–
Error Correction Code for single bit fail
correction within a byte
–
10 year data retention
–
500,000 Erase/Write cycles endurance
–
1 to 32 bytes Erase or Program in 1 ms
I
SECURITY FIREWALLS FOR MEMORIES,
and ENHANCED DES ACCELERATOR.
I
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH
PROGRAMMING AND CLOCK
MANAGEMENT.
I
2x8 BIT TIMERS WITH INTERRUPT
CAPABILITY
I
HARDWARE SECURITY ENHANCED DES
ACCELERATOR WITH LIBRARY SUPPORT
FOR SYMMETRICAL ALGORITHMS:
–
DES, triple DES computations and CBC
chaining mode...
I
ISO 3309 CRC CALCULATION BLOCK
I
FIPS 140-2 COMPLIANT RANDOM
NUMBER GENERATOR WITH TWO GUN
REGISTERS (Generators of Unpredictable
Number)
I
2.7 V TO 5.5 V SUPPLY VOLTAGE
I
EXTERNAL CLOCK FREQUENCY UP TO
10 MHz
I
HIGH PERFORMANCE PROVIDED USING
INTERNAL CLOCK FREQUENCY
I
UNIQUE SERIAL NUMBER ON EACH DIE
I
POWER SAVING STANDBY MODE
I
CONTACT ASSIGNMENT COMPATIBLE
ISO 7816-2
I
SERIAL ACCESS I/O, ISO 7816-3
COMPATIBLE
I
ESD PROTECTION GREATER THAN 5000 V
Figure 1. Delivery Form
Function
Speed(1)
1.
Typical values, independent from external clock frequency
and supply voltage.
Triple DES (with enhanced security)
58.0 µs
Single DES (with enhanced security)
43.0 µs
259a.ai
Micromodule
Wafer


Similar Part No. - ST19WSC8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
Smartcard MCU With 4 Kbytes EEPROM
Sep-2004
More results

Similar Description - ST19WSC8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19GF34 STMICROELECTRONICS-ST19GF34 Datasheet
26Kb / 2P
Smartcard MCU With 34 KBytes EEPROM
Oct-1999
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
Smartcard MCU With 16 KBytes EEPROM
ST19SF32 STMICROELECTRONICS-ST19SF32 Datasheet
27Kb / 2P
Smartcard MCU With 32 KBytes EEPROM
ST19SF64 STMICROELECTRONICS-ST19SF64 Datasheet
27Kb / 2P
Smartcard MCU With 64 KBytes EEPROM
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
Smartcard MCU With 4 Kbytes EEPROM
Sep-2004
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
Smartcard MCU With 8 Kbytes EEPROM
Sep-2002
ST19XR08 STMICROELECTRONICS-ST19XR08 Datasheet
154Kb / 3P
Dual Contactless Smartcard MCU With 8 Kbytes EEPROM
Feb-2004
ST19WK08 STMICROELECTRONICS-ST19WK08 Datasheet
58Kb / 3P
Smartcard MCU With Modular Arithmetic Processor & 8 Kbytes EEPROM
Apr-2004
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com