Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LPQ-00R-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 47LPQ-00R-R
Description  Digital Panel Meters 47 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LPQ-00R-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  47LPQ-00R-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 5Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 6Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 7Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MODEL: 47LPQ
47LPQ SPECIFICATIONS
ES-9516 Rev.14 Page 7/8
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
8V
5kΩ
COM
3
4
5
1
2
Short
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
LOAD
Inductive
Load (Coil)
LOAD
Diode, Varistor or
CR Circuit
9
10
POWER
U(+)
V(–)
• DC Powered
■ Relay Protection
• AC Powered
■ Input Connection Example
• Open Collector or Mechanical Contact
17
15
16
■ ALARM OUTPUT CODE 1: N.O. contact, 4 points
Ry
20
18
19
Ry
Ry
Ry
9
10
POWER
U(+)
Lc (COM)
Lb (NC)
La (NO)
Hc (COM)
Hb (NC)
Ha (NO)
V(–)
17
15
16
■ ALARM OUTPUT CODE 2: SPDT contact, 2 points
Ry
Ry
20
18
19
Lc, LLc
LLa
La
Hc, HHc
Ha
HHa
LL OUTPUT
L OUTPUT
H OUTPUT
L OUTPUT
H OUTPUT
HH OUTPUT
9
10
POWER
U(+)
V(–)
■ ALARM OUTPUT CODE 0: No alarm output
Digital
Computation
Display /
Setting
Control
Input
Sensor
Excitation
1/100
Scaler
Input
Circuit
1
3
2
5
6
4
DC OUTPUT
7
8
+
–
Isolation
Output
Driver
Digital
Computation
6
11
12
13
14
DC OUTPUT
7
8
+
–
Isolation
Output
Driver
Digital
Computation
6
11
12
13
14
DC OUTPUT
7
8
+
–
Isolation
Output
Driver
Note 1: The section enclosed by broken line is only with DC output option.
Note 2: Chattering input signals cannot be measured accurately.
Add a capacitor (10000 pF) or similar devices to the input terminals to eliminate
the input signals’ instability.
EXC+
OC JP
INP+
COM
–
DI+
1
1
Control
Input
Sensor
Excitation
1/100
Scaler
Input
Circuit
3
2
5
4
Control
Input
Sensor
Excitation
1/100
Scaler
Input
Circuit
3
2
5
4
*1. Close across the terminals for open collector or mechanical contact. Refer to the figure below.
SENSOR EXCITATION
INPUT
CONTROL INPUT
SHORT- CIRCUIT*
1
EXC+
OC JP
INP+
COM
–
DI+
SENSOR EXCITATION
INPUT
CONTROL INPUT
SHORT- CIRCUIT*
1
EXC+
OC JP
INP+
COM
–
DI+
SENSOR EXCITATION
INPUT
CONTROL INPUT
SHORT- CIRCUIT*
1
U
*
2
*
2
*
2
*2. For detailed connection of CONTROL INPUT, refer to the operating manual (EM-9516-B).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com