Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LPQ-00R-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47LPQ-00R-R
Description  Digital Panel Meters 47 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LPQ-00R-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47LPQ-00R-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 5Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 6Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 7Page - M-System Co.,Ltd. 47LPQ-00R-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: 47LPQ
47LPQ SPECIFICATIONS
ES-9516 Rev.14 Page 2/8
https://www.m-system.co.jp/
Housing material: Flame-resistant resin (gray)
Isolation: Input to DC output to HH output or H output to
L output or LL output to power
Setting: (Front button)
• Scaled range
• Input type
• Alarm setpoint
• Hysteresis (deadband)
• Others
(Refer to the instruction manual for details)
Lockout setting: Prohibiting certain operations; protecting
settings
DISPLAY
Display: 16 mm (.63) high, 6 digits, 7-segment LED
Display range: -99999 to 999999
Decimal point position: 10–1, 10–2, 10–3, 10–4, 10–5 or none
Zero indication: Higher-digit zeros are suppressed.
Overflow count modes
Reset: Reset and restart at 0 or 1
(Scaling values at factory setting)
Hold: Hold at 100 %; display blinking
Input indication: ‘D/P’ turns on for 1 second after a valid
pulse train has been detected (applied to 1/100 scaled
signal if the input type is selected).
‘Adj’ turns on with control input.
Alarm status indication
LL indicator: Green LED turns on when the LL alarm is
tripped.
L indicator: Green LED turns on when the L alarm is
tripped.
H indicator: Red LED turns on when the H alarm is tripped.
HH indicator: Red LED turns on when the HH alarm is
tripped.
P indicator: Amber LED turns on when none of the other
alarms is tripped.
Only ‘P’ turns on with no-alarm-output type. ‘LL’ or ‘HH’
does not turn on with dual-alarm-output type.
All setpoints can be independently set either for Hi or Lo
alarm trip.
Function indicators:
Ini, Alm, D/P, Adj, Fnc, Min, Max
Display mode status and operation status, amber ON or
blink
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, kWh, MWh, Wh
INPUT SPECIFICATIONS
Default measuring range: 0 – 999999
Sensor excitation: 12 V DC ±10 %, 30 mA
Current limit protection at approx. 60 mA
Open Collector & Voltage Pulse
Minimum pulse width: ≥ 5 μsec.
Maximum frequency: 100 Hz
10kHz for Input type setting of 1/100 counting scale
Mechanical Contact
Minimum pulse width: ≥ 500 msec.
Maximum frequency: 1 Hz
■ Open Collector & Mechanical Contact
Detecting voltage/current: Approx. 8 V DC @ 1.6 mA
Detecting levels: ≤ 300 Ω / 0.6 V for ON;
≥ 10 kΩ / 4.5 V for OFF
■ Voltage Pulse
Voltage range: 0 – 5 through 26.4 V
±5 – ±26.4 V (equal amplitude at both poles)
Waveform: Square
Input impedance: 10 kΩ min.
Low level: -26.4 – 0.6 V DC
High level: 4.5 – 26.4 V DC
■ Control Input: Reset count, Hold count or Invert count
(selectable function)
Detecting time: ≥ 200 msec.
Detecting levels: 4.5 – 26.4 V or short circuit across the
terminals 1 and 5 for ON; -26.4 – 0.6 V for OFF
OUTPUT SPECIFICATIONS
■ DC Output
• DC Current
Operational range: -5 – +105 %
• DC Voltage
Operational range: -5 – +105 %
■ Alarm Output: Relay contact
Rated load: 250 V AC @ 3 A (cos ø = 1)
30 V DC @ 3 A (resistive load)
Maximum switching voltage: 250 V AC, 30 V DC
Maximum switching power: 750 VA, 90 W (resistive load)
Minimum load: 5 V DC @ 10 mA
Mechanical life: ≥ 5 × 106 cycles (rate 180 cycles/min.)
INSTALLATION
Power consumption
•AC: Approx. 6.5VA
•DC: Approx. 3 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com