Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4020FH-R35 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC4020FH-R35
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC4020FH-R35 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC4020FH-R35 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC4020FH
90
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductanc
e
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC4020FH-R35
0.35
100KHZ
2.5m
25.1
20.0
SC4020FH-1R0
1.0
100KHZ
4.3m
15.3
15.0
SC4020FH-1R5
1.5
100KHZ
5.9m
12.0
13.5
SC4020FH-2R2
2.2
100KHZ
7.5m
10.2
11.0
SC4020FH-2R8
2.8
100KHZ
10m
9.3
9.60
SC4020FH-4R7
4.7
100KHZ
15m
7.7
7.70
SC4020FH-6R8
6.8
100KHZ
22m
6.2
6.20
SC4020FH-100
10
100KHZ
27m
5.2
5.20
SC4020FH-150
15
100KHZ
45m
4.3
4.10
SC4020FH-220
22
100KHZ
63m
3.7
3.50
SC4020FH-330
33
100KHZ
102m
3.0
2.80
SC4020FH-470
47
100KHZ
132m
2.4
2.10
SC4020FH-680
68
100KHZ
185m
2.0
1.90
SC4020FH-101
100
100KHZ
265m
1.8
1.45
(1). Inductance tolerance for 0.35uH~2.8uH:
±30%, for 4.7uH~100uH: ±20%. Tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
0. 1
1
10
100
100
1000
10000
10
BC4020FH I nduct ance decrease by current
100000
DC current (mA)
1000
101
100
R35
4000 8000
12000 16000 20000 24000 28000
0
32000
BC4020FH Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
36000
101
100
R35
SCH114 Inductance decrease by current
DC current (mA)
DC current (mA)
SCH114 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC4020FH-R35

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
3M Electronics
SC402S 3M-SC402S Datasheet
190Kb / 29P
Formerly SC400 Serial Resistive
More results

Similar Description - SC4020FH-R35

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR6028 BEL-SCNR6028 Datasheet
691Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com