Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC402B Datasheet (PDF) - Semtech Corporation

SC402B Datasheet PDF - Semtech Corporation
Part # SC402B
Download  SC402B Download
File Size   1504.43 Kbytes
Page   32 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO

SC402B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC402B Datasheet PDF - Semtech Corporation

Part # SC402B
Download  SC402B Click to download

File Size   1504.43 Kbytes
Page   32 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO

SC402B Datasheet (HTML) - Semtech Corporation


SC402B Product details

Description

The SC402B is a stand-alone synchronous EcoSpeed® buck power supply which incorporates Semtech’s advanced patented adaptive on-time control architecture. This provides excellent light-load efficiency and fast transient response. It features integrated power MOSFETs, a boot strap switch, and a programmable LDO in a 5x5mm package. The device is highly efficient and uses minimal PCB area. The SC402B has the same package and pin configuration as the entire SC40x series for compatibility.



Features

Power System

• Input voltage — 3V to 28V

• Bias voltage — 3V to 5.5V LDO or external

• Up to 96% peak efficiency

• Integrated bootstrap switch

• Programmable LDO output — 200mA

• Reference tolerance — 1% TJ= -40 to +125 °C

• Programmable soft start time

Logic Input/Output Control

• Independent EN controls for LDO and switcher

• Programmable VIN UVLO threshold

• Power good output

• Selectable PSAVE or FCM mode

Protection

• Over-voltage and under-voltage

• TC compensated RDS(ON) sensed current limit

• Thermal Shutdown

Output Capacitor Types

• High ESR — SP, POSCAP, OSCON

• Ceramic capacitors

Package

• Lead-free package — 5x5mm, 32-Pin MLPQ

• RoHS/WEEE compliant and Halogen free



Applications

Networking and telecommunication equipment

Printers, DSL, and STB applications

Embedded systems and power supply modules

Point of load power supplies




Similar Part No. - SC402B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-100 BEL-SC4020FH-100 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-101 BEL-SC4020FH-101 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-150 BEL-SC4020FH-150 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-1R0 BEL-SC4020FH-1R0 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results


Similar Description - SC402B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com