Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet (PDF) - Semtech Corporation

SC403 Datasheet PDF - Semtech Corporation
Part # SC403
Download  SC403 Download
File Size   715.78 Kbytes
Page   32 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6A EcoSpeedTM Integrated FET Regulator with Programmable LDO

SC403 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC403 Datasheet PDF - Semtech Corporation

Part # SC403
Download  SC403 Click to download

File Size   715.78 Kbytes
Page   32 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6A EcoSpeedTM Integrated FET Regulator with Programmable LDO

SC403 Datasheet (HTML) - Semtech Corporation


SC403 Product details

Description

The SC403 is a stand-alone synchronous EcoSpeedTM buck power supply which incorporates Semtech’s advanced patent-pending adaptive on-time control architecture to provide excellent light-load efficiency and fast transient response. It features integrated power MOSFETs, a boot strap switch, and a programmable LDO in a 5x5mm package. The device is highly efficient and uses minimal PCB area.



Features

Power System:

   Input voltage — 3V to 28V

   Internal or external bias voltage — 3V to 5V

   Integrated bootstrap switch

   Programmable LDO output — 200mA

   1% reference tolerance -40 to +85 °C

   EcoSpeedTM architecture with pseudo-fixed frequency adaptive on-time control

Logic Input/Output Control:

   Independent control EN for LDO and switcher

   Programmable VIN UVLO threshold

   Power good output

   Selectable ultrasonic power save mode

   Programmable soft start time

Protections:

   Over-voltage and under-voltage

   TC compensated RDS(ON) sensed current limit

   Thermal shutdown

Any ESR — SP, POSCAP, OSCON, and ceramic capacitors

Package:

   Lead-free package — 5x5mm, 32-pin MLPQ

   Fully RoHS/WEEE compliant and halogen free



Applications

Office automation and computing

Networking and telecommunication equipment

Point of load power supplies and module replacement




Similar Part No. - SC403

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC4032 FUMAN-SC4032 Datasheet
377Kb / 5P
Three-button multi-function pedometer (with high frequency and weight function)
logo
Semtech Corporation
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
More results


Similar Description - SC403

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC418 SEMTECH-SC418 Datasheet
659Kb / 30P
EcoSpeedTM DC-DC Buck Controller with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Vishay Siliconix
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com