Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC403 Datasheet HTML 2Page - Semtech Corporation SC403 Datasheet HTML 3Page - Semtech Corporation SC403 Datasheet HTML 4Page - Semtech Corporation SC403 Datasheet HTML 5Page - Semtech Corporation SC403 Datasheet HTML 6Page - Semtech Corporation SC403 Datasheet HTML 7Page - Semtech Corporation SC403 Datasheet HTML 8Page - Semtech Corporation SC403 Datasheet HTML 9Page - Semtech Corporation SC403 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SC403
6
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Logic Inputs/Outputs (continued)
EN/PSV Input for Disabling Switcher
Maximum level
0.4
V
Minimum level
0
EN/PSV Input Bias Current
EN/PSV= VDD or AGND
-8
+8
μA
ENL Input Bias Current
V
IN = 16V
11
18
μA
FBL, FB Input Bias Current
FBL, FB = VDD or AGND
-1
+1
μA
Linear Regulator (The LDO is shorted to the VDD pin internally.)
FBL Accuracy
LDO load = 10mA
0.735
0.75
0.765
V
LDO Current Limit
Short-circuit protection, V
IN = 12V, VDD < 0.75V
65
mA
Start-up and foldback, V
IN = 12V,
0.75 < V
DD < 90% of final VDD value
115
Operating current limit, V
IN = 12V, VDD > 90% of final
V
DD value
135
200
LDO to VOUT Switch-over Threshold (3)
-140
+140
mV
LDO to VOUT Non-switch-over Threshold (3)
-450
+450
mV
LDO to VOUT Switch-over Resistance
V
OUT = +5V
2
Ω
LDO Drop Out Voltage (4)
From V
IN to VDD, VDD = +5V, ILDO = 100mA
1.2
V
Notes:
(1) V
IN UVLO is programmable using a resistor divider from VIN to ENL to AGND pins. The ENL voltage is compared to an internal reference.
(2) For VDD less than 4.5V, the on-time may be limited by the VDD supply voltage and by the V
IN. See the TON limitation and VDD supply voltage
section in the applications Information.
(3) The switch-over threshold is the maximum voltage differential between the VDD and VOUT pins which ensures that LDO will internally switch-
over to VOUT. The non-switch-over threshold is the minimum voltage differential between the LDO and VOUT pins which ensures that LDO
will not switch-over to VOUT.
(4) The LDO drop out voltage is the voltage at which the LDO output drops 2% below the no load regulation value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com