Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 4 Page - Semtech Corporation

  SC403 Datasheet HTML 1Page - Semtech Corporation SC403 Datasheet HTML 2Page - Semtech Corporation SC403 Datasheet HTML 3Page - Semtech Corporation SC403 Datasheet HTML 4Page - Semtech Corporation SC403 Datasheet HTML 5Page - Semtech Corporation SC403 Datasheet HTML 6Page - Semtech Corporation SC403 Datasheet HTML 7Page - Semtech Corporation SC403 Datasheet HTML 8Page - Semtech Corporation SC403 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SC403
4
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies (continued)
VDD Supply Current
ENL , EN/PSV = 0V
3
7
μA
EN/PSV = V
DD, no load (fSW = 25kHz), VFB > 750mV
2
mA
EN/PSV = V
DD, no load (fSW = 25kHz), VFB > 750mV
1
V
DD = 5V, fSW = 250kHz, EN/PSV = floating , no load
4
V
DD = 3V, fSW = 250kHz, EN/PSV = floating , no load
2.5
FB On-Time Threshold
Static V
IN and load, 0 to +85 °C
0.744
0.750
0.756
V
Static V
IN and load, -40 to +85 °C
0.742
0.758
V
Frequency Range
Continuous mode operation
1000
kHz
Minimum f
SW, EN/PSV = VDD, no load
25
Bootstrap Switch Resistance
10
Ω
Switching MOSFET Resistance
R
DSON
High Side FET
30
mΩ
Low Side FET
10
Timing
On-Time
Continuous mode operation,
V
IN = 15V, VOUT = 5V, fSW= kHz, RTON = 300kΩ
2386
2650
2915
ns
3V < V
DD < 4.5V
(2)
Minimum On-Time
80
ns
Minimum Off-Time
V
DD = 5V
250
ns
V
DD = 3V
370
Soft-Start
Soft-Start Current
2.75
μA
Soft-Start Voltage
When V
OUT reaches regulation
1.5
V
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com